Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST26VF032
Description  Serial Quad I/O SQI Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST26VF032 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST26VF032 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST26VF032 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
A Microchip Technology Company
©2011 Silicon Storage Technology, Inc.
DS-25017A
04/11
Data Sheet
www.microchip.com
Features
• Single Voltage Read and Write Operations
– 2.7-3.6V
• Serial Interface Architecture
– Nibble-wide multiplexed I/O’s with SPI-like serial com-
mand structure
- Mode 0 and Mode 3
– Single-bit, SPI backwards compatible
- Read, High-Speed Read, and JEDEC ID Read
• High Speed Clock Frequency
– 80 MHz
- 320 Mbit/s sustained data rate
• Burst Modes
– Continuous linear burst
– 8/16/32/64 Byte linear burst with wrap-around
• Index Jump
– Jump to address index within 256 Byte Page
– Jump to address index within 64 KByte Block
– Jump to address index in another 64 KByte Block
• Superior Reliability
– Endurance: 100,000 cycles
– Greater than 100 years data retention
• Low Power Consumption:
– Active Read current: 12 mA (typical @ 80 MHz)
– Standby current: 8 µA (typical)
• Fast Erase and Byte-Program:
– Chip-Erase time: 35 ms (typical)
– Sector-/Block-Erase time: 18 ms (typical)
• Page-Program
– 256 Bytes per page
– Fast Page Program time in 1 ms (typical)
• End-of-Write Detection
– Software polling the BUSY bit in status register
• Flexible Erase Capability
– Uniform 4 KByte sectors
– Four 8 KByte top parameter overlay blocks
– Four 8 KByte bottom parameter overlay blocks
– Two 32 KByte overlay blocks (one each top and bottom)
– Uniform 64 KByte overlay blocks
- SST26VF016 – 30 blocks
- SST26VF032 – 62 blocks
• Write-Suspend
– Suspend program or Erase operation to access another
block/sector
• Software Reset (RST) mode
• Software Write Protection
– Block-Locking
- 64 KByte blocks, two 32 KByte blocks, and eight 8
KByte parameter blocks
• Security ID
– One-Time Programmable (OTP) 256 bit, Secure ID
- 64 bit Unique, factory pre-programmed identifier
- 192 bit user-programmable
• Temperature Range
– Industrial: -40°C to +85°C
• Packages Available
– 8-contact WSON (6mm x 5mm)
– 8-lead SOIC (200 mil)
• All devices are RoHS compliant
Serial Quad I/O (SQI) Flash Memory
SST26VF016 / SST26VF032
The SST26VF016 / SST26VF032 Serial Quad I/O™ (SQI™) flash device utilizes
a 4-bit multiplexed I/O serial interface to boost performance while maintaining the
compact form factor of standard serial flash devices. Operating at frequencies
reaching 80 MHz, the SST26VF016 / SST26VF032 enables minimum latency
execute-in-place (XIP) capability without the need for code shadowing on an
SRAM. The device’s high performance and small footprint make it the ideal choice
for mobile handsets, Bluetooth® headsets, optical disk drives, GPS applications
and other portable electronic products. Further benefits are achieved with SST’s
proprietary, high-performance CMOS SuperFlash® technology, which significantly
improves performance and reliability, and lowers power consumption for high
bandwidth, compact designs.


Similar Part No. - SST26VF032

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF032-80-5I-QE SST-SST26VF032-80-5I-QE Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26VF032-80-5I-S2E SST-SST26VF032-80-5I-S2E Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
2Mb / 82P
2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision K March 2022
SST26VF032B-104I/MF MICROCHIP-SST26VF032B-104I/MF Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

Similar Description - SST26VF032

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
Serial Quad I/O (SQI) Flash Memory
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
SST26WF016B MICROCHIP-SST26WF016B Datasheet
1,021Kb / 75P
1.8V 16 Mbit Serial Quad I/O (SQI) Flash Memory
2014
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26WF064C MICROCHIP-SST26WF064C Datasheet
4Mb / 94P
1.8V, 64 Mbit Serial Quad I/O (SQI) Flash Memory
Revision C / Sept 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com