Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 4 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 4 Page - General Semiconductor

  BK-M Datasheet HTML 1Page - General Semiconductor BK-M Datasheet HTML 2Page - General Semiconductor BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Electrical Specifications (continued)
Table 2. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Ripple and Noise
(See Figure 12.):
RMS
DW025AJ-M,
AA-M, AF-M
—
—
—
15
mVrms
DW025BK-M, BB-M
—
—
—
20
mVrms
DW025CL-M, CC-M
—
—
—
25
mVrms
DW025AB-M
(5 V output)
—
—
—
15
mVrms
DW025AB-M
(12 V output)
—
—
—
20
mVrms
Peak-to-peak (5 Hz to 20 MHz)
DW025AJ-M,
AA-M, AF-M
—
—
—
150
mVp-p
DW025BK-M, BB-M
—
—
—
200
mVp-p
DW025CL-M, CC-M
—
—
—
250
mVp-p
DW025AB-M
(5 V output)
—
—
—
150
mVp-p
DW025AB-M
(12 V output)
—
—
—
200
mVp-p
Output Current
(At IO < IO, min, the modules may exceed
output ripple specifications.)
DW025AJ-M,
AA-M, AF-M
IO1
IO2
0.20
0.20
—
—
2.50
2.50
A
A
DW025BK-M, BB-M
IO1
IO2
0.10
0.10
—
—
1.04
1.04
A
A
DW025CL-M, CC-M
IO1
IO2
0.08
0.08
—
—
0.83
0.83
A
A
DW025AB-M
IO1
IO2
0.20
0.10
—
—
2.50
1.04
A
A
Output Current-limit Inception
(VO = 90% of VO, nom; see Figure 2.)
DW025AJ-M,
AA-M, AF-M
—
—
3.7
6.5
A
DW025BK-M, BB-M
—
—
1.5
2.9
A
DW025CL-M, CC-M
—
—
1.3
2.7
A
DW025AB-M
IO1
IO2
—
—
3.7
1.5
6.5
2.9
A
A
Output Short-circuit Current
(VO = 250 mV)
DW025AJ-M,
AA-M, AF-M
—
—
3.5
7.0
A
DW025BK-M, BB-M
—
—
1.0
3.0
A
DW025CL-M, CC-M
—
—
1.0
3.0
A
DW025AB-M
IO1
IO2
—
—
3.5
1.0
7.0
3.0
A
A
Efficiency (VI = 48 V; IO = IO, max;
TC = 25 °C; see Figures 3 and 13.)
DW025AJ-M, AA-M
η
75
78
—
%
DW025AF-M
η
68
75
—
%
DW025AB-M
η
75
79
—
%
DW025BK-M, BB-M
η
79
82
—
%
DW025CL-M, CC-M
η
79
82
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com