Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 6 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 6 Page - General Semiconductor

Back Button BK-M Datasheet HTML 2Page - General Semiconductor BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor BK-M Datasheet HTML 10Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions. See Feature Descriptions and Design Considerations for further information.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Remote On/Off (positive logic)
(VI = 0 V to 75 V; open collector or
equivalent compatible; signal
referenced to VI(–) terminal. See
Figures 10, 14 and Feature
Descriptions.):
DW025xx-M Positive Logic:
Logic Low—Module Off
Logic High—Module On
DW025xx1-M Negative Logic:
Logic Low—Module On
Logic High—Module Off
Module Specifications:
On/Off Current—Logic Low
On/Off Voltage:
Logic Low
Logic High (Ion/off = 0)
Open Collector Switch Specifications:
Leakage Current During Logic High
(Von/off = 10 V)
Output Low Voltage During Logic
Low (Ion/off = 1 mA)
Turn-on Time (IO = 80% of IO, max; VO
within ±1% of steady state)
Output Voltage Overshoot
All
All
All
All
All
All
All
Ion/off
Von/off
Von/off
Ion/off
Von/off
—
—
—
0
—
—
—
—
—
—
—
—
—
—
30
0
1.0
1.2
10
50
1.2
—
5
mA
V
V
µA
V
ms
%
Output Overvoltage Clamp
DW025AJ-M
DW025BK-M
DW025CL-M
DW025AA-M
DW025AB-M
DW025AF-M
DW025BB-M
DW025CC-M
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
VO1
VO2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
7
–7
16
–16
20
–20
7
7
7
16
7
5
16
16
20
20
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Input Undervoltage Lockout:
Module On
Module Off
All
All
VUVLO
VUVLO
—
20
28
28
36
—
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com