Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 2 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 2 Page - General Semiconductor

  BK-M Datasheet HTML 1Page - General Semiconductor BK-M Datasheet HTML 2Page - General Semiconductor BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
Continuous
Transient (<10 ms)
VI
VI, trans
—
—
80
100
V
V
I/O Isolation Voltage
dc
Transient (1 minute)
—
—
—
—
500
850
V
V
Operating Case Temperature
TC
–40
100
°C
Storage Temperature
Tstg
–55
125
°C
Electrical Specifications
Note: Two pinouts are available for the DW025-Series Power Modules. The DW025AJ-M, AB-M, BK-M, and
CL-M Power Modules, which have both positive and negative outputs, have a common output ground pin
(pinout A). The DW025AA-M, AB-M, AF-M, BB-M, and CC-M Power Modules, which have dual positive out-
puts, have separate output ground pins (pinout B). See Outline Diagrams section.
Unless otherwise indicated, specifications apply to all modules over all operating input voltage, resistive load, and
temperature conditions.
Table 1. Input Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
VI
36
48
75
Vdc
Maximum Input Current
(VI = 0 V to 75 V; IO = IO, max; see Figure 1.)
II, max
—
—
2.0
A
Inrush Transient
i2t
—
—
0.8
A2s
Input Reflected-ripple Current, Peak-to-Peak
(5 Hz to 20 MHz, 12 µH source impedance;
TC = 25 °C) (See Figure 11 and Design
Considerations section.)
—
—
25
—
mAp-p
Input Ripple Rejection (120 Hz)
—
—
60
—
dB
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This encapsulated power module can be used in a wide variety of applications, ranging from simple stand-alone
operation to an integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fus-
ing is not included; however, to achieve maximum safety and system protection, always use an input line fuse. The
safety agencies require a normal-blow, dc fuse with a maximum rating of 5 A (see Safety Considerations section).
Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same
type of fuse with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com