Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 1 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 1 Page - General Semiconductor

  BK-M Datasheet HTML 1Page - General Semiconductor BK-M Datasheet HTML 2Page - General Semiconductor BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
April 2008
DW025 Dual Output-Series Power Modules: dc-dc Converters;
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
The DW025-Series Power Modules use advanced, surface-
mount technology and deliver high-quality, compact, dc-dc
conversion at an economical price.
Features
n
Small size: 71.1 mm x 61.0 mm x 12.7 mm
(2.80 in. x 2.40 in. x 0.50 in.)
n
Low output noise
n
Industry-standard pinout
n
Metal case with separate case ground pin
n
2:1 input voltage range
n
Remote on/off (positive logic)
n
UL* Recognized, CSA† Certified, and VDE
Licensed
n
Within FCC and CISPR Class A Radiated Limits
n
CE mark meets 73/23/EEC and 93/68/EEC
directives‡
n
Two tightly regulated outputs
Applications
n
Distributed power architectures
n
Telecommunications
Options
n
Higher-accuracy output voltage clamp set point
n
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
n
Heat sink available for extended operation
n
Negative logic remote on/off
Description
The DW025-Series Power Modules are a family of
dc-dc converters that operate over an input voltage
range of 36 Vdc to 75 Vdc and provide two regulated
outputs. These modules offer low noise levels with
industry-standard pinouts in a small footprint. Each
highly reliable and efficient unit features remote
on/off and current limit.
Each output is individually regulated by its own con-
trol circuit and has an independent overvoltage
clamp. With standard outputs of +3.3 V, ±5 V, ±12 V,
and ±15 V, the DW025-Series is flexible enough to
provide modified standard units with any combination
of output voltages from 2 V to 15 V.
Efficiency greater than 80%, a wide operating tem-
perature range, and a metal case are additional fea-
tures of these modules. They have UL, CSA, and
VDE recognition and operate within FCC and CISPR
Class A limits for radiated emissions.
The DW025AJ-M, BK-M, and CL-M Power Modules
are available with common output ground pins
(pinout A); the DW025AA-M, AB-M, AF-M, BB-M,
and CC-M Power Modules are available with sepa-
rate output ground pins (pinout B).
* UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of the Canadian Standards Asso-
ciation.
‡ This product is intended for integration into end-use equipment.
All the required procedures for CE marking of end-use equip-
ment should be followed. (The CE mark is placed on selected
products.)


Similar Part No. - BK-M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
More results

Similar Description - BK-M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Bel Fuse Inc.
0RXU-75TD10 BEL-0RXU-75TD10 Datasheet
292Kb / 8P
ISOLATED DC/DC CONVERTERS 36 Vdc - 75 Vdc Input 12 Vdc/5 A, -12 Vdc/1.5 A Dual Outputs
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
DW025ABK-M LINEAGEPOWER-DW025ABK-M Datasheet
692Kb / 20P
DW025 Triple Output-Series Power Modules 36 Vdc to 75 Vdc Input; 25 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
JHW050FG LINEAGEPOWER-JHW050FG Datasheet
490Kb / 17P
JHW050 Dual Positive Output-Series Power Modules dc-dc Converter: 36 Vdc to 75 Vdc Input, Dual Positive Outputs 50W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com