Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 18 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 18 Page - General Semiconductor

Back Button BK-M Datasheet HTML 12Page - General Semiconductor BK-M Datasheet HTML 13Page - General Semiconductor BK-M Datasheet HTML 14Page - General Semiconductor BK-M Datasheet HTML 15Page - General Semiconductor BK-M Datasheet HTML 16Page - General Semiconductor BK-M Datasheet HTML 17Page - General Semiconductor BK-M Datasheet HTML 18Page - General Semiconductor BK-M Datasheet HTML 19Page - General Semiconductor BK-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Recommended Hole Patterns
Component-side footprint.
Dimensions are in millimeters and (inches).
Recommended hole size for pin: 1.27 mm (0.050 in.).
Pinout A (DW025AJ-M, BK-M, CL-M)
8-845(C).a
Pinout B (DW025AA-M, AB-M, AF-M, BB-M, CC-M)
8-846(C).a
11.4 (0.45)
3.8 (0.15)
5.1 (0.20)
CASE OUTLINE
48.3 (1.90)
63.50
± 0.38 (2.500 ± 0.015)
71.1 (2.80) MAX
20.32
(0.800)
20.32
(0.800)
30.5
(1.20)
20.32
(0.800)
61.0
(2.40)
MAX
M3 x 0.5 CLEARANCE HOLE
4 PLACES (OPTIONAL)
10.16
(0.400)
1
8
10.16 (0.400)
50.8
(2.00)
10.16 (0.400 )
4
3
2
5
6
7
CASE OUTLINE
11.4 (0.45)
3.8 (0.15)
5.1 (0.20 )
CASE OUTLINE
10.16 (0.400)
10.16 (0.400)
48.3 (1.90)
63.50
± 0.38 (2.500 ± 0.015)
71.1 (2.80) MAX
M3 x 0.5 CLEARANCE HOLE
4 PLACES (OPTIONAL)
10.16 (0.400)
10.16 (0.400)
50.8
(2.00)
20.32
(0.800)
20.32
(0.800)
30.5
(1.20)
20.32
(0.800)
61.0
(2.40)
MAX
4
3
1
2
5
6
8
7
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com