Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 10 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 10 Page - General Semiconductor

Back Button BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor BK-M Datasheet HTML 10Page - General Semiconductor BK-M Datasheet HTML 11Page - General Semiconductor BK-M Datasheet HTML 12Page - General Semiconductor BK-M Datasheet HTML 13Page - General Semiconductor BK-M Datasheet HTML 14Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
10
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Test Configurations (continued)
8-808(C)
A. Pinout A (DW025AJ-M, BK-M, CL-M) Configura-
tion
8-809(C)
B. Pinout B (DW025AA-M, AB-M, AF-M, BB-M,
CC-M) Configuration
Note: Use a 0.1 µF ceramic capacitor. Scope measurement should
be made by using a BNC socket. Position the load between
50 mm (2 in.) and 75 mm (3 in.) from the module.
Figure 12. Output Noise Measurement Test Setup
8-753(C)
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
In addition, VI(–) is internally connected to case.
Figure 13. Output Voltage and Efficiency Measure-
ment Test Setup
Design Considerations
Input Source Impedance
The power module should be connected to a low ac-
impedance input source. Highly inductive source
impedances can affect the stability of the power mod-
ule. A 33 µF electrolytic capacitor (ESR < 0.7
Ω at
100 kHz) mounted close to the power module helps
ensure stability of the unit.
VO1(+)
VO2(–)
SCOPE
0.1 µF
COPPER STRIP
0.1 µF
SCOPE
COMM
RLOAD1
RLOAD2
VO1(+)
VO2(–)
SCOPE
0.1 µF
COPPER STRIP
0.1 µF
SCOPE
RLOAD1
RLOAD2
VO1(–)
VO2(+)
VI(+)
I I
I O
SUPPLY
CONTACT
RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
VI(–)
VO1
VO2
COM
LOAD
η
VOJ
COM
–
[]IOJ
J1
=
2
∑
VI +
() VI –
()
–
[]II
-------------------------------------------------- x 100
=
Pinout A
η
VOJ +
()
VOJ –
()
–
[]IOJ
J1
=
2
∑
VI +
() VI –
()
–
[]II
--------------------------------------------------------------x 100
=
Pinout B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com