Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 19 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 19 Page - General Semiconductor

Back Button BK-M Datasheet HTML 12Page - General Semiconductor BK-M Datasheet HTML 13Page - General Semiconductor BK-M Datasheet HTML 14Page - General Semiconductor BK-M Datasheet HTML 15Page - General Semiconductor BK-M Datasheet HTML 16Page - General Semiconductor BK-M Datasheet HTML 17Page - General Semiconductor BK-M Datasheet HTML 18Page - General Semiconductor BK-M Datasheet HTML 19Page - General Semiconductor BK-M Datasheet HTML 20Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Lineage Power
19
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Ordering Information
Table 4. Ordering Information Table
Input
Voltage
Output
Voltage
Output
Power
Remote
On/Off Logic
Device Code
Pinout
Comcode
36 V to 75 V
5.0 V, –5.0 V
25 W
positive
DW025AJ-M
A
107587545
36 V to 75 V
12.0 V, –12.0 V
25 W
positive
DW025BK-M
A
107587602
36 V to 75 V
15.0 V, –15.0 V
25 W
positive
DW025CL-M
A
107587628
36 V to 75 V
5.0 V, –5.0 V
25 W
positive
DW025AA-M
B
107731598
36 V to 75 V
5.0 V, 3.3 V
25 W
positive
DW025AF-M
B
107587529
36 V to 75 V
12.0 V, 12.0 V
25 W
positive
DW025BB-M
B
107587586
36 V to 75 V
15.0 V, 15.0 V
25 W
positive
DW025CC-M
B
TBD
36 V to 75 V
5.0 V, 12.0 V
25 W
positive
DW025AB-M
B
107587503
Optional features may be ordered using the device code suffixes shown below. To order more than one option, list
suffixes in numerically descending order followed by the -M suffix, indicating metric (M3 x 0.5 heat sink hardware).
The heat sinks designed for this package have an M prefix, i.e., MHSTxxx45 and MHSLxxx45 (see Thermal
Energy Management CC-, CW-, DC-, and DW-Series 25 W to 30 W Board-Mounted Power Modules Technical
Note).
Table 5
Option
Device Code
Suffix
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
8
Negative Remote on/off logic
1
. Options Table
Please contact your
Lineage Power Account Manager or Field Application Engineer for pricing and availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com