Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 7 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 7 Page - General Semiconductor

Back Button BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor BK-M Datasheet HTML 10Page - General Semiconductor BK-M Datasheet HTML 11Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Lineage Power
7
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Characteristic Curves
8-993(C).a
Figure 1. DW025-Series Input Current and Normal-
ized Output Voltage vs. Input Voltage at
Full Load and TA = 25 °C
8-994(C)
Figure 2. DW025-Series Normalized Output Current
vs. Normalized Output Voltage at
VI = 48 V and TA = 25 °C
8-995(C)
Figure 3. DW025-Series Efficiency vs. Normalized
Both Output Currents to Full Load at
VI = 48 V and TA = 25 °C
8-1019(C)
Figure 4. DW025-Series Typical 5 V Output Voltage
Response to a Step Load Change from
50% to 25% of IO, max at VI = VI, nom and
TA = 25 °C
Characteristic Curves (continued)
0
10
20304050
70
0
0.2
0.4
0.6
0.8
1.0
1.2
INPUT VOLTAGE, VI (V)
0.8
0.6
0.4
0.2
0.0
1.0
1.2
VO
60
II
0.0
0.5
1.0
1.5
2.0
2.5
0.0
0.2
0.4
0.6
0.8
1.2
NORMALIZED OUTPUT CURRENT TO FULL LOAD, IO (A)
1.0
VO = 3.3 V
5 V
12 V
15 V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1.0
45
50
55
60
65
85
NORMALIZED BOTH OUTPUT CURRENTS TO
FULL LOAD, IO (A)
0.9
70
75
80
CC,CL
BB,BK
AA,AJ
AF
0.5 A
0.5 ms
50 mV
1.0 A
0.5 A
TIME, t (0.5 ms/div)
5.0 V
∆IO
∆t = 1 A/10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com