Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 5 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 5 Page - General Semiconductor

  BK-M Datasheet HTML 1Page - General Semiconductor BK-M Datasheet HTML 2Page - General Semiconductor BK-M Datasheet HTML 3Page - General Semiconductor BK-M Datasheet HTML 4Page - General Semiconductor BK-M Datasheet HTML 5Page - General Semiconductor BK-M Datasheet HTML 6Page - General Semiconductor BK-M Datasheet HTML 7Page - General Semiconductor BK-M Datasheet HTML 8Page - General Semiconductor BK-M Datasheet HTML 9Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Lineage Power
5
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Electrical Specifications (continued)
Table 2. Output Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Unit
Dynamic Response
(ýIO/ýt = 1 A/10 µs, VI = 48 V,
TA = 25 °C):
Load Change from IO = 50% to 75% of
IO, max: (See Figures 7 to 9.):
Peak Deviation
DW025AJ-M,
AA-M, AF-M
—
—
160
—
mV
DW025BK-M,
BB-M
—
—
250
—
mV
DW025CL-M,
CC-M
—
—
250
—
mV
DW025AB-M
(5 V output)
—
—
160
—
mV
DW025AB-M
(12 V output)
—
—
250
—
mV
Settling Time (VO < 10% peak
deviation)
All
—
—
3
—
ms
Load Change from IO = 50% to 25% of
IO, max (See Figures 4 to 6.):
Peak Deviation
DW025AJ-M,
AA-M, AF-M
—
—
160
—
mV
DW025BK-M,
BB-M
—
—
250
—
mV
DW025CL-M,
CC-M
—
—
250
—
mV
DW025AB-M
(5 V output)
—
—
160
—
mV
DW025AB-M
(12 V output)
—
—
250
—
mV
Settling Time (VO < 10% peak
deviation)
All
—
—
3
—
ms
Table 3. Isolation Specifications
Parameter
Min
Typ
Max
Unit
Isolation Capacitance
—
1200
—
pF
Isolation Resistance
10
—
—
M¾
General Specifications
Parameter
Min
Typ
Max
Unit
Calculated MTBF (IO = 80% of IO, max; TC = 40 °C)
2,800,000
hours
Weight
—
—
113 (4.0)
g (oz.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com