Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BK-M Datasheet(PDF) 14 Page - General Semiconductor

Part # BK-M
Description  DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BK-M Datasheet(HTML) 14 Page - General Semiconductor

Back Button BK-M Datasheet HTML 10Page - General Semiconductor BK-M Datasheet HTML 11Page - General Semiconductor BK-M Datasheet HTML 12Page - General Semiconductor BK-M Datasheet HTML 13Page - General Semiconductor BK-M Datasheet HTML 14Page - General Semiconductor BK-M Datasheet HTML 15Page - General Semiconductor BK-M Datasheet HTML 16Page - General Semiconductor BK-M Datasheet HTML 17Page - General Semiconductor BK-M Datasheet HTML 18Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
14
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
DW025 Dual Output-Series Power Modules: dc-dc Converters;
Thermal Considerations (continued)
Air Velocity (continued)
8-986(C).a
Figure 16. 3.3 V Output Power Dissipation vs.
Output Current
8-987(C).a
Figure 17. 5 V Output Power Dissipation vs. Output
Current
8-1005(C).a
Figure 18. 12 V Output Power Dissipation vs.
Output Current
8-999(C).a
Figure 19. 15 V Output Power Dissipation vs.
Output Current
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
4.0
OUTPUT CURRENT, IO (A)
2.5
3.0
3.5
VI = 54 V
VI = 72 V
VI = 36 V
0
0.5
1.0
1.5
2.0
2.5
0
0.5
1.0
1.5
2.0
4.0
OUTPUT CURRENT, IO (A)
2.5
3.0
3.5
VI = 54 V
VI = 72 V
VI = 36 V
0.0
0.2
0.0
0.5
1.0
1.5
2.0
3.0
OUTPUT CURRENT, IO (A)
2.5
0.8
0.4
0.6
VI = 54 V
VI = 72 V
VI = 36 V
1.0
1.2
0.0
0.1
0.2
0.3
0.7
0.9
0.0
0.5
1.0
1.5
2.0
3.0
OUTPUT CURRENT, IO (A)
2.5
VI = 36 V
VI = 54 V
VI = 72 V
0.8
0.4
0.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com