Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
22
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 11 and Figure 12 show the input/output timing diagrams referenced to SDRAM_SYNC_IN and
PCI_SYNC_IN, respectively.
Figure 11. Input/Output Timing Diagram Referenced to SDRAM_SYNC_IN
Figure 12. Input/Output Timing Diagram Referenced to PCI_SYNC_IN
11a
VM = Midpoint voltage (1.4 V).
Memory
10b-d
Inputs/Outputs
13b
14b
VM
VM
SDRAM_SYNC_IN
Input Timing
Output Timing
12b-d
2.0 V
0.8 V
0.8 V
2.0 V
Tos
11a = Input hold time of SDRAM_SYNC_IN to memory.
12b-d = sys_logic_clk to output valid timing.
13b = Output hold time for non-PCI signals.
14b = SDRAM-SYNC_IN to output high-impedance timing for non-PCI signals.
Tos = Offset timing required to align sys_logic_clk with SDRAM_SYNC_IN. The SDRAM_SYNC_IN signal
sys_logic_clk
VM
PCI_SYNC_IN
VM
VM
is adjusted by the DLL to accommodate for internal delay. This causes SDRAM_SYNC_IN to appear
before sys_logic_clk once the DLL locks.
(after DLL locks)
Shown in 2:1 Mode
Notes:
10b-d = Input signals valid timing.
OVDD ÷ 2
10a
11c
PCI_SYNC_IN
PCI
12a
13a
14a
OVDD ÷ 2
OVDD ÷ 2
0.4
× OV
DD
0.615
× OVDD
0.285
× OVDD
Input Timing
Output Timing
Inputs/Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com