Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
10
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 5. Maximum AC Waveforms for 5-V Signaling
4.2
DC Electrical Characteristics
Table 3 provides the DC electrical characteristics for the MPC8245 at recommended operating conditions.
Table 3. DC Electrical Specifications
At recommended operating conditions (see Table 2)
Characteristic
Condition 3
Symbol
Min
Max
Unit
Notes
Input high voltage
PCI only, except
PCI_SYNC_IN
VIH
0.65
× OVDD
LVDD
V1
Input low voltage
PCI only, except
PCI_SYNC_IN
VIL
—0.3
× OVDD
V
Input high voltage
All other pins, including
PCI_SYNC_IN
(GVDD = 3.3 V)
VIH
2.0
3.3
V
Input low voltage
All inputs, including
PCI_SYNC_IN
VIL
GND
0.8
V
Input leakage current for pins using
DRV_PCI driver
0.5 V
≤ Vin ≤ 2.7 V
@ LVDD = 4.75 V
IL
—±70
µA
4
Input leakage current for
all others
LVDD = 3.6 V
GVDD ≤ 3.465 V
IL
—±10
µA
4
Output high voltage
IOH = driver-dependent
(GVDD = 3.3 V)
VOH
2.4
—
V
2
Output low voltage
IOL = driver-dependent
(GVDD = 3.3 V)
VOL
—0.4
V
2
Undervoltage
Waveform
Overvoltage
Waveform
11 ns
(Min)
+11 V
11 V p-to-p
(Min)
4 ns
(Max)
–5.5 V
10.75 V p-to-p
(Min)
62.5 ns
+5.25 V
0 V
4 ns
(Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com