Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
56
Freescale Semiconductor
Document Revision History
8
Document Revision History
Table 19 provides a revision history for this hardware specification.
Table 19. Revision History Table
Revision
Date
Substantive Change(s)
10
8/07
Section 3, Table 3, and Table 7—Changed format of recommended voltage supply values so that delta
to the chosen nominal does not exceed ± 100 mV.
Completely replaced Section 4.6 with compliant I2C specifications as with other related integrated
processor devices.
9
12/27/05
Document—Added Power Architecture information.
Section 4.1—Changed increased absolute maximum range for VDD in Table 1. Updated format of
nominal voltage listings in Table 2.
Section 9.2—Removed Note 3 from Table 21.
Updated back page information.
8
11/15/2005 Document—Imported new template and made minor editorial changes.
Removed references to a 466 MHz part since it is not available for new orders.
Section 4.3.2—Added paragraph for using DLL mode that provides lowest locked tap point read in
0xE3.
Section 5.3—Updated the driver and I/O assignment information for the multiplexed PCI clock and
DUART signals. Added note for HRST_CPU and HRST_CTRL, which had been mentioned only in
Figure 2.
Section 9.2—Updated the part ordering specifications for the extended temperature parts. Also
updated the section to reflect what we offer for new orders.
Section 9.3—Added new section, “Part Marking.” Updated Figure 33 to match with current part
marking format.
7
10/07/2004 Section 4.1.2—Table 2: Corrected range of AVDD and AVDD2.
Section 9.1—Table 21: Corrected voltage range under Process Descriptor column. Minor reformatting.
6.1
05/24/2004 Section 4.5.3—Table 11: Spec 12b was improved from 4.5 ns to 4.0 ns. This improvement is
guaranteed on devices marked after work week (WW) 28 of 2004. A device's work week may be
determined from the “YYWW” portion of the devices trace ability code which is marked on the top of
the device. So for WW28 in 2004, the device’s YYWW is marked as 0428. For more information refer
to Figure 33
6
05/11/2004 Section 4.1.2—Table 2: Corrected range of GVDD to 3.3 ± 5%.
Section 4.2.1—Table 4: Changed the default for drive strength of DRV_STD_MEM.
Section 4.5.1—Table 8: Changed the wording description for item 15.
Section 4.5.2—Table 10: Changed Tos range and wording in note; Figure 11:changed wording for
SDRAM_SYNC_IN description relative to TOS.
Section 4.5.3—Table 11: Changed timing specification for sys_logic_clk to output valid (memory
control, address, and data signals).
5.1
—
Section 4.3.1—Table 9: Corrected last row to state the correct description for the bit setting. Max tap
delay, DLL extend. Figure 8: Corrected the label name for the DLL graph to state “DLL Locking Range
Loop Delay vs. Frequency of Operation for DLL_Extend=1 and Normal Tap Delay”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com