Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
36
Freescale Semiconductor
Package Description
QACK/DA0
F2
Output
OVDD
DRV_STD_MEM
4, 14, 25
CHKSTOP_IN/
SDMA14
D14
I/O
GVDD
DRV_MEM_CTRL
10, 14
TRIG_IN/RCS2
AF20
I/O
OVDD
—
10, 14
TRIG_OUT/RCS3
AC18
Output
GVDD
DRV_MEM_CTRL
14
MAA[0:2]
AF2 AF1 AE1
Output
GVDD
DRV_STD_MEM
3, 4, 6
MIV
A16
Output
OVDD
—24
PMAA[0:1]
AD18 AF18
Output
OVDD
DRV_STD_MEM
3, 4, 6, 15
PMAA[2]
AE19
Output
OVDD
DRV_STD_MEM
4, 6, 15
Test/Configuration Signals
PLL_CFG[0:4]/
DA[10:6]
A22 B19 A21 B18 B17
I/O
OVDD
DRV_STD_MEM
6, 14, 20
TEST0
AD22
Input
OVDD
—1, 9
RTC
Y2
Input
GVDD
—11
TCK
AF22
Input
OVDD
—9, 12
TDI
AF23
Input
OVDD
—9, 12
TDO
AC21
Output
OVDD
—24
TMS
AE22
Input
OVDD
—9, 12
TRST
AE23
Input
OVDD
—9, 12
Power and Ground Signals
GND
AA2 AA23 AC12 AC15 AC24 AC3
AC6 AC9 AD11 AD14 AD16 AD19
AD23 AD4 AE18 AE2 AE21 AE25
B2 B25 B6 B9 C11 C13 C16 C23
C4 C8 D12 D15 D18 D21 D24 D3
F25 F4 H24 J25 J4 L24 L3 M23
M4 N24 P3 R23 R4 T24 T3 V2
V23 W3
Ground
—
—
LVDD
AC20 AC23 D20 D23 G23 P23
Y23
Reference
voltage
3.3 V, 5.0 V
LVDD
—
GVDD
AB3 AB4 AC10 AC11 AC8 AD10
AD13 AD15 AD3 AD5 AD7 C10
C12 C3 C5 C7 D13 D5 D9 E3 G3
H4 K4 L4 N3 P4 R3 U3 V4 Y3
Power for
memory drivers
3.3 V
GVDD
—
OVDD
AB24 AD20 AD24 C14 C20 C24
E24 G24 J23 K24 M24 P24 T23
Y24
PCI/Stnd 3.3 V
OVDD
—
Table 16. MPC8245 Pinout Listing (continued)
Name
Pin Numbers
Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com