Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
37
Package Description
VDD
AA24 AC16 AC19 AD12 AD6 AD9
C15 C18 C21 D11 D8 F3 H23 J3
L23 M3 R24 T4 V24 W4
Power for core
1.8/2.0 V
VDD
—22
No Connect
D17
—
—
—
23
AVDD
C17
Power for PLL
(CPU core logic)
1.8/2.0 V
AVDD
—22
AVDD2
AF24
Power for PLL
(peripheral
logic)
1.8/2.0 V
AVDD2—
22
Debug/Manufacturing Pins
DA0/QACK
F2
Output
OVDD
DRV_STD_MEM
4, 10, 25
DA1/CKO
B15
Output
OVDD
DRV_STD_MEM
14
DA2
C25
Output
OVDD
DRV_PCI
2
DA3/PCI_CLK4
AF26
Output
GVDD
DRV_PCI_CLK
14
DA4/REQ4
Y26
I/O
OVDD
—
12, 14
DA5/GNT4
W26
Output
OVDD
DRV_PCI
7, 15, 14
DA[10:6]/
PLL_CFG[0:4]
A22 B19 A21 B18 B17
I/O
OVDD
DRV_STD_MEM
6, 14, 20
DA[11]
AD26
Output
OVDD
DRV_PCI
2
DA[12:13]
AF17 AF19
Output
OVDD
DRV_STD_MEM
2, 6
Table 16. MPC8245 Pinout Listing (continued)
Name
Pin Numbers
Type
Power
Supply
Output
Driver Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com