Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
40
Freescale Semiconductor
PLL Configurations
13
1001112
Not available
252,7
100
300
4 (2)
3 (2)
14
1010012
266–385
52–76
182–266
266–425
52–84
182–294
2 (4)
3.5 (2)
15
1010112
Not available
273–305,7
68–75
272–300
2.5 (2)
4 (2)
16
1011012
25–335
50–66
200–264
25–375
50–74
200–296
2 (4)
4 (2)
17
1011112
25–335
100–132
200–264
25–332
100–132
200–264
4 (2)
2 (2)
18
1100012
273–355
68–88
204–264
273–405,7
68–100
204–300
2.5 (2)
3 (2)
19
1100112
366–535
72–106
180–265
366–592
72–118
180–295
2 (2)
2.5 (2)
1A
1101012
5018–661
50–66
200–264
5018–661
50–66
200–264
1 (4)
4 (2)
1B
1101112
343–445
68–88
204–264
343–505,7
68–100
204–300
2 (2)
3 (2)
1C
1110012
443–595
66–88
198–264
443–661
66–99
198–297
1.5 (2)
3 (2)
1D
1110112
486–661
72–99
180–248
486–661
72–99
180–248
1.5 (2)
2.5 (2)
1E
Rev B
111108
Not usable
Not usable
Off
Off
1E
Rev D
11110
333–385
66–76
231–266
333–425
66–84
231–294
2(2)
3.5(2)
Table 17. PLL Configurations (266- and 300-MHz Parts) (continued)
Ref. No.
PLL_CFG
[0:4] 10,13
266-MHz Part 9
300-MHz Part 9
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/
MemBus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/
MemBus
Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI-to-
Mem
(Mem
VCO)
Mem-to-
CPU
(CPU
VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com