Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
45
System Design
7.3
Connection Recommendations
To ensure reliable operation, connect unused inputs to an appropriate signal level. Tie unused active-low
inputs to OVDD. Connect unused active-high inputs tie to GND. All NC signals must remain unconnected.
Power and ground connections must be made to all external VDD, OVDD, GVDD, LVDD, and GND pins.
The PCI_SYNC_OUT signal is to be routed halfway out to the PCI devices and returned to the
PCI_SYNC_IN input of the MPC8245.
The SDRAM_SYNC_OUT signal is to be routed halfway out to the SDRAM devices and then returned to
the SDRAM_SYNC_IN input of the MPC8245. The trace length can be used to skew or adjust the timing
window as needed. See the Tundra Tsi107™ Design Guide (AN1849) and Freescale application notes
AN2164, MPC8245/MPC8241 Memory Clock Design Guidelines: Part 1 and AN2746,
MPC8245/MPC8241 Memory Clock Design Guidelines: Part 2 for details. Note that there is an
SDRAM_SYNC_IN to PCI_SYNC_IN time requirement (refer to Table 10 for the input AC timing
specifications).
7.4
Pull-Up/Pull-Down Resistor Requirements
The data bus input receivers are normally turned off when no read operation is in progress; therefore, they
do not require pull-up resistors on the bus. The data bus signals are: MDH[0:31], MDL[0:31], and
PAR[0:7].
If the 32-bit data bus mode is selected, the input receivers of the unused data and parity bits (MDL[0:31]
and PAR[4:7]) are disabled, and their outputs drive logic zeros when they would otherwise normally be
driven. For this mode, these pins do not require pull-up resistors and should be left unconnected to
minimize possible output switching.
The TEST0 pin requires a pull-up resistor of 120
Ω or less connected to OVDD.
RTC should have weak pull-up resistors (2–10 k
Ω) connected to GVDD.
The following signals should be pulled up to OVDD with weak pull-up resistors (2–10 kΩ): SDA, SCL,
SMI, SRESET/SDMA12, TBEN/SDMA13, CHKSTOP_IN/SDMA14, TRIG_IN/RCS2, INTA,
QACK/DA0 and DRDY. Note that QACK/DA0 should be left without a pull-up resistor only if an external
clock is used because this signal enables internal clock flipping logic when it is low on reset, which is
necessary when the PLL[0:4] signals select a half-clock frequency ratio and an external PLL is used to
drive the SDRAM device.
It is recommended that the following PCI control signals be pulled up to LVDD (the clamping voltage) with
weak pull-up resistors (2–10 k
Ω): DEVSEL, FRAME, IRDY, LOCK, PERR, SERR, STOP, and TRDY.
The resistor values may need to be adjusted stronger to reduce induced noise on specific board designs.
The following pins have internal pull-up resistors enabled at all times: REQ[3:0], REQ4/DA4, TCK, TDI,
TMS, and TRST. See Table 16.
The following pins have internal pull-up resistors enabled only while device is in the reset state:
GNT4/DA5, MDL0, FOE, RCS0, SDRAS, SDCAS, CKE, AS, MCP, MAA[0:2], and PMAA[0:2]. See
Table 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com