Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
42
Freescale Semiconductor
PLL Configurations
2
0001011
5018–661
50–66
225–297
5018–661
50–66
225–297
1 (4)
4.5 (2)
30001111,14
5017–661
50–66
100–133
5017–661
50–66
100–133
1 (Bypass)
2 (4)
4
0010012
25–464
50–92
100–184
25–464
50–92
100–184
2 (4)
2 (4)
6
0011015
Bypass
Bypass
Bypass
7
Rev B
0011114
606–661
60–66
180–198
606–661
60–66
180–198
1 (Bypass)
3 (2)
7
Rev D
0011114
Not available
25
100
350
4(2)
3.5(2)
8
0100012
606–661
60–66
180–198
606–661
60–66
180–198
1 (4)
3 (2)
9
0100112
456–661
90–132
180–264
456–661
90–132
180–264
2 (2)
2 (2)
A
0101012
25–375,7
50–74
225–333
25–385
50–76
225–342
2 (4)
4.5 (2)
B
0101112
453–661
68–99
204–297
453–661
68–99
204–297
1.5 (2)
3 (2)
C
0110012
366–464
72–92
180–230
366–464
72–92
180–230
2 (4)
2.5 (2)
D
0110112
453–635,7
68–95
238–333
453–661
68–99
238–347
1.5 (2)
3.5 (2)
E
0111012
306–464
60–92
180–276
306–464
60–92
180–276
2 (4)
3 (2)
F
0111112
25–315
75–93
263–326
25–335
75–99
263–347
3 (2)
3.5 (2)
10
1000012
306–442
90–132
180–264
306–442
90–132
180–264
3 (2)
2 (2)
11
1000112
25–332,16
100–132
250–330
25–332,16
100–132
250–330
4 (2)
2.5 (2)
12
1001012
606–661
90–99
180–198
606–661
90–99
180–198
1.5 (2)
2 (2)
13
1001112
25–275
100–108
300–324
25–295
100–116
300–348
4 (2)
3 (2)
14
1010012
266–474
52–94
182–329
266–474
52–94
182–329
2 (4)
3.5 (2)
15
1010112
273–335
68–83
272–332
273–345
68–85
272–340
2.5 (2)
4 (2)
16
1011012
25–415
50–82
200–328
25–435
50–86
200–344
2 (4)
4 (2)
17
1011112
25–332
100–132
200–264
25–332
100–132
200–264
4 (2)
2 (2)
18
1100012
273–445
68–110
204–330
273–465
68–115
204–345
2.5 (2)
3 (2)
19
1100112
366–661
72–132
180–330
366–661
72–132
180–330
2 (2)
2.5 (2)
1A
1101012
5018–661
50–66
200–264
5018–661
50–66
200–264
1 (4)
4 (2)
1B
1101112
343–555
68–110
204–330
343–585
68–116
204–348
2 (2)
3 (2)
1C
1110012
443–661
66–99
198–297
443–661
66–99
198–297
1.5 (2)
3 (2)
1D
1110112
486–661
72–99
180–248
486–661
72–99
180–248
1.5 (2)
2.5(2)
Table 18. PLL Configurations (333- and 350-MHz Parts) (continued)
Ref
PLL_
CFG[0:4] 10,13
333 MHz Part 9
350 MHz Part 9
Multipliers
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI Clock
Input
(PCI_
SYNC_IN)
Range 1
(MHz)
Periph
Logic/Mem
Bus Clock
Range
(MHz)
CPU
Clock
Range
(MHz)
PCI-to-
Mem
(Mem
VCO)
Mem-to-
CPU
(CPU
VCO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com