Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
13
Electrical and Thermal Characteristics
4.4
Thermal Characteristics
Table 6 provides the package thermal characteristics for the MPC8245. For details, see Section 7.8,
“Thermal Management.”
4.5
AC Electrical Characteristics
After fabrication, functional parts are sorted by maximum processor core frequency as shown in Table 7
and tested for conformance to the AC specifications for that frequency. The processor core frequency is
determined by the bus (PCI_SYNC_IN) clock frequency and the settings of the PLL_CFG[0:4] signals.
Parts are sold by maximum processor core frequency. See Section 9, “Ordering Information,” for details
on ordering parts.
Table 6. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Notes
Junction-to-ambient natural convection
(Single-layer board—1s)
RθJA
16.1
°C/W
1, 2
Junction-to-ambient natural convection
(Four-layer board—2s2p)
RθJMA
12.0
°C/W
1, 3
Junction-to-ambient (@200 ft/min)
(Single-layer board—1s)
RθJMA
11.6
°C/W
1, 3
Junction-to-ambient (@200 ft/min)
(Four layer board—2s2p)
RθJMA
9.0
°C/W
1, 3
Junction-to-board
RθJB
4.8
°C/W
4
Junction-to-case
RθJC
1.8
°C/W
5
Junction-to-package top (natural convection)
ΨJT
1.0
°C/W
6
Notes:
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
2. Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
3. Per JEDEC JESD51-6 with the board horizontal.
4. Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
5. Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1) with the cold plate used for case temperature.
6. Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com