Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8245EC Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8245EC
Description  MPC8245 Integrated Processor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8245EC Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8245EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8245EC Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
MPC8245 Integrated Processor Hardware Specifications, Rev. 10
Freescale Semiconductor
61
Document Revision History
0.1
—
Made VDD/AVDD/AVDD2 = 1.8 V ± 100 mV information for 133-MHz memory interface operation to
Section 1.3, Table 2, Table 5, Table 9, Table 17, and Section 1.7.2.
Pin D17, formerly LAVDD (supply voltage for DLL), is a NC on the MPC8245 since the DLL voltage is
supplied internally. Eliminated all references to LAVDD; updated Section 1.7.1.
Previous Note 4 of Table 2 did not apply to the MPC8245 (MPC8240 document legacy). New Note 4
added in reference to maximum CPU speed at reduced VDD voltage.
Updated the Programmable Output Impedance of DEV_MEM_ADDR in Table 4 to 6
Ω to reflect
characterization data.
Updated Table 5 to reflect reduced power consumption when operating VDD/AVDD/AVDD2 = 1.8 V ±
100 mV. Changed Notes 2, 3, and 4 to reflect VDD at 1.9 V. Changed Note 5 to represent VDD = AVDD
= 1.8 V.
Updated Table 7 to reflect VDD/AVDD/AVDD2 voltage level operating frequency dependencies;
changed 250 MHz device column to 266 MHz; modified Note 1 eliminating VCO references; added
Note 2. Changed 250 MHz processor frequency offering to 266 MHz.
Changed Spec 12b for memory output valid time in Table 11 from 5.5 ns to 4.5 ns; this is a key
specification change to enable 133-MHz memory interface designs.
Updated Pinout Table 16 with the following changes:
• Pin types for RCS0, RCS3/TRIG_OUT and DA[11:15] were erroneously listed as I/O, changed Pin
Types to Output.
• Pin types for REQ4/DA4, RCS2/TRIG_IN, and PLL_CFG[0:4]/DA[10:6] were erroneously listed as
Input, changed Pin Types to I/O.
• Changed Pin D17 from LAVDD to No Connect; deleted Note 21 and references.
• Notes 3, 5, and 7 contained references to the MPC8240 (MPC8240 document legacy); changed
these references to MPC8245.
• Previous Notes 13 and 14 did not apply to the MPC8245 (MPC8240 document legacy), these notes
were deleted; moved Note 19 to become new Note 13; moved Note 20 to become new Note 14;
updated associated references.
• Added Note 3 to SDMA[1:0] signals about internal pull-up resistors during reset state.
• Reversed vector ordering for the PCI Interface Signals: C/BE[0:3] changed to C/BE[3:0], AD[0:31]
changed to AD[31:0], GNT[0:3] changed to GNT[3:0], and REQ[0:3] changed to REQ[3:0]. The
package pin number orderings were also reversed meaning that pin functionality did NOT change.
For example, AD0 is still on signal C22, AD1 is still on signal D22,..., AD31 is still on signal V25. This
change was made to make the vectored PCI signals in this hardware specification consistent with
the PCI Local Bus Specification and the MPC8245 Integrated Processor Reference Manual vector
ordering.
• Changed TEST1/DRDY signal on pin B20 to DRDY.
• Changed TEST2 signal on pin Y2 to RTC for performance monitor use.
Updated PLL Table 17 with the following changes for 133-MHz memory interface operation:
• Added Ref. 9 (01001) and Ref. 17 (10111) details; removed these settings from Note 10 (reserved
settings list).
• Enhanced range of Ref. 10 (10000).
• Updated Note 13, changed bits 16–20 erroneous information to correct bits 23–19.
• Added Notes 16 and 17.
Added information to Section 1.7.8 in reference to CHKSTOP_IN and SRESET being unavailable in
extended ROM mode.
0.0
—
Initial release.
Table 19. Revision History Table (continued)
Revision
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com