Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 177 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 177 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 173Page - Altera Corporation PLL2_C1 Datasheet HTML 174Page - Altera Corporation PLL2_C1 Datasheet HTML 175Page - Altera Corporation PLL2_C1 Datasheet HTML 176Page - Altera Corporation PLL2_C1 Datasheet HTML 177Page - Altera Corporation PLL2_C1 Datasheet HTML 178Page - Altera Corporation PLL2_C1 Datasheet HTML 179Page - Altera Corporation PLL2_C1 Datasheet HTML 180Page - Altera Corporation PLL2_C1 Datasheet HTML 181Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–19
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Single SRAM Object File
The second method configures both the master device and slave devices with the
same .sof. The serial configuration device stores one copy of the .sof. This setup is
shown in Figure 9–6 where the master is set up in AS mode and the slave devices are
set up in PS mode. You must set up one or more slave devices in the chain. All the
slave devices must be set up as shown in Figure 9–6.
In this setup, all the Cyclone III device family in the chain are connected for
concurrent configuration. This can reduce the AS configuration time because all the
Cyclone III device family is configured in one configuration cycle. Connect the nCE
input pins of all the Cyclone III device family to ground. You can either leave the nCEO
output pins on all the Cyclone III device family unconnected or use the nCEO output
pins as normal user I/O pins. The DATA and DCLK pins are connected in parallel to all
the Cyclone III device family.
Figure 9–6. Multi-Device AS Configuration where the Devices Receive the Same Data with a Single .sof
Notes to Figure 9–6:
(1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides.
(2) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. You must set the master device of the Cyclone III device
family in AS mode and the slave devices in PS mode. To connect MSEL[3..0] for the master device in AS mode and slave devices in PS mode,
refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(4) These are dual-purpose I/O pins. The nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions as the DATA[1] pin in other
AP and FPP modes.
(5) Connect the series resistor at the near end of the serial configuration device.
(6) Connect the repeater buffers between the master and slave devices for DATA[0] and DCLK. All I/O inputs must maintain a maximum AC voltage
of 4.1 V. The output resistance of the repeater buffers must fit the maximum overshoot equation outlined in “Configuration and JTAG Pin I/O
Requirements” on page 9–7.
(7) The 50-
 series resistors are optional if the 3.3-V configuration voltage standard is applied. For optimal signal integrity, connect these 50- series
resistors if the 2.5- or 3.0-V configuration voltage standard is applied.
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
N.C. (2)
(3)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCEO
MSEL[3..0]
N.C. (2)
(3)
nSTATUS
nCONFIG
CONF_DONE
nCE
DATA[0]
DCLK
nCSO (4)
ASDO (4)
nCEO
MSEL[3..0]
(3)
DATA
DCLK
nCS
ASDI
Serial Configuration
Device
GND
GND
GND
N.C. (2)
VCCIO (1)
VCCIO (1)
VCCIO (1)
Buffers (6)
10 k
Ω
10 k
Ω
10 k
Ω
(5)
25
Ω
(7)
50
Ω
(5),(7)
50
Ω
Slave Device 2 of the Cyclone III
Device Family
Slave Device 1 of the Cyclone III
Device Family
Master Device of the Cyclone III
Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com