Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 179 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 179 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 175Page - Altera Corporation PLL2_C1 Datasheet HTML 176Page - Altera Corporation PLL2_C1 Datasheet HTML 177Page - Altera Corporation PLL2_C1 Datasheet HTML 178Page - Altera Corporation PLL2_C1 Datasheet HTML 179Page - Altera Corporation PLL2_C1 Datasheet HTML 180Page - Altera Corporation PLL2_C1 Datasheet HTML 181Page - Altera Corporation PLL2_C1 Datasheet HTML 182Page - Altera Corporation PLL2_C1 Datasheet HTML 183Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–21
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Programming Serial Configuration Devices
Serial configuration devices are non-volatile, flash memory-based devices. You can
program these devices in-system using the USB-Blaster™ or ByteBlaster™ II
download cable. Alternatively, you can program them using the Altera Programming
Unit (APU), supported third-party programmers, or a microprocessor with the
SRunner software driver.
You can perform in-system programming of serial configuration devices using the AS
programming interface. During in-system programming, the download cable disables
device access to the AS interface by driving the nCE pin high. Cyclone III device family
is also held in reset by a low level on nCONFIG. After programming is complete, the
download cable releases nCE and nCONFIG, allowing the pull-down and pull-up
resistors to drive GND and VCC, respectively.
To perform in-system programming of a serial configuration device using the AS
programming interface, the diodes and capacitors must be placed as close as possible
to the Cyclone III device family. Ensure that the diodes and capacitors maintain a
maximum AC voltage of 4.1 V (Figure 9–7).
1 If you wish to use the same setup shown in Figure 9–7 to perform in-system
programming of a serial configuration device and single- or multi-device AS
configuration, you do not need a series resistor on the DATA line at the near end of the
serial configuration device. The existing diodes and capacitors are sufficient.
Altera has developed the Serial FlashLoader (SFL), a JTAG-based in-system
programming solution for Altera serial configuration devices. The SFL is a bridge
design for the Cyclone III device family that uses its JTAG interface to access the
EPCS JIC (JTAG Indirect Configuration Device Programming) file and then uses the
AS interface to program the EPCS device. Both the JTAG interface and AS interface
are bridged together inside the SFL design.
f For more information about implementing the SFL with Cyclone III device family,
refer to AN 370: Using the Serial FlashLoader with the Quartus II Software.
f For more information about the USB-Blaster download cable, refer to the USB-Blaster
Download Cable User Guide. For more information about the ByteBlaster II download
cable, refer to the ByteBlaster II Download Cable User Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com