Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 197 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 197 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 193Page - Altera Corporation PLL2_C1 Datasheet HTML 194Page - Altera Corporation PLL2_C1 Datasheet HTML 195Page - Altera Corporation PLL2_C1 Datasheet HTML 196Page - Altera Corporation PLL2_C1 Datasheet HTML 197Page - Altera Corporation PLL2_C1 Datasheet HTML 198Page - Altera Corporation PLL2_C1 Datasheet HTML 199Page - Altera Corporation PLL2_C1 Datasheet HTML 200Page - Altera Corporation PLL2_C1 Datasheet HTML 201Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 274 page
background image
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
9–39
Configuration Features
August 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 9–17 shows the timing waveform for a PS configuration when using an
external host device as an external host.
Table 9–13 lists the PS configuration timing parameters for Cyclone III device family.
Figure 9–17. PS Configuration Timing Waveform (1)
Notes to Figure 9–17:
(1) The beginning of this waveform shows the device in user mode. In user mode, nCONFIG, nSTATUS, and CONF_DONE
are at logic-high levels. When nCONFIG is pulled low, a reconfiguration cycle begins.
(2) After power-up, the Cyclone III device family holds nSTATUS low during POR delay.
(3) After power-up, before and during configuration, CONF_DONE is low.
(4) In user mode, drive DCLK either high or low when using the PS configuration scheme, whichever is more convenient.
When using the AS configuration scheme, DCLK is a Cyclone III device family output pin and must not be driven
externally.
(5) Do not leave the DATA[0] pin floating after configuration. Drive it high or low, whichever is more convenient.
nCONFIG
nSTATUS (2)
CONF_DONE (3)
DCLK
DATA[0]
User I/O
INIT_DONE
Bit 0
Bit 1 Bit 2 Bit 3
Bit n
tCD2UM
tCF2ST1
tCF2CD
tCFG
tCH tCL
tDH
tDSU
tCF2CK
tSTATUS
tCLK
tCF2ST0
tST2CK
User Mode
(5)
Tri-stated with internal pull-up resistor
(4)
Table 9–13. PS Configuration Timing Parameters for Cyclone III Device Family (Part 1 of 2)
Symbol
Parameter
Minimum
Maximum
Unit
tCF2CD
nCONFIG
low to CONF_DONE low
—
500
ns
tCF2ST0
nCONFIG
low to nSTATUS low
—
500
ns
tCFG
nCONFIG
low pulse width
500
—
ns
tSTATUS
nSTATUS
low pulse width
45
800 (1)
s
tCF2ST1
nCONFIG
high to nSTATUS high
—
800 (2)
s
tCF2CK
nCONFIG
high to first rising edge on DCLK
800 (1)
—
s
tST2CK
nSTATUS
high to first rising edge of DCLK
2—
s
tDSU
Data setup time before rising edge on DCLK
5—
ns
tDH
Data hold time after rising edge on DCLK
0—
ns
tCH
DCLK
high time
3.2
—
ns
tCL
DCLK
low time
3.2
—
ns
tCLK
DCLK
period
7.5
—
ns
fMAX
DCLK
frequency
—
100 (4)
MHz
tCD2UM
CONF_DONE
high to user mode (3)
300
650
s
tCD2CU
CONF_DONE
high to CLKUSR enabled
4 × maximum DCLK period
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com