Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C1 Datasheet(PDF) 198 Page - Altera Corporation

Part # PLL2_C1
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C1 Datasheet(HTML) 198 Page - Altera Corporation

Back Button PLL2_C1 Datasheet HTML 194Page - Altera Corporation PLL2_C1 Datasheet HTML 195Page - Altera Corporation PLL2_C1 Datasheet HTML 196Page - Altera Corporation PLL2_C1 Datasheet HTML 197Page - Altera Corporation PLL2_C1 Datasheet HTML 198Page - Altera Corporation PLL2_C1 Datasheet HTML 199Page - Altera Corporation PLL2_C1 Datasheet HTML 200Page - Altera Corporation PLL2_C1 Datasheet HTML 201Page - Altera Corporation PLL2_C1 Datasheet HTML 202Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 274 page
background image
9–40
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
PS Configuration Using a Download Cable
In this section, the generic term "download cable" includes the Altera USB-Blaster
universal serial bus (USB) port download cable, MasterBlaster™ serial/USB
communications cable, ByteBlaster II parallel port download cable, the
ByteBlasterMV™ parallel port download cable, and the Ethernet-Blaster
communications cable.
In the PS configuration with a download cable, an intelligent host (such as a PC)
transfers data from a storage device to the device using the download cable.
The programming hardware or download cable then places the configuration data
one bit at a time on the DATA[0] pin of the device. The configuration data is clocked
into the target device until CONF_DONE goes high. The CONF_DONE pin must have an
external 10-k pull-up resistor for the device to initialize.
When you use a download cable, setting the Auto-restart configuration after error
option does not affect the configuration cycle because you must manually restart
configuration in the Quartus II software when an error occurs. Additionally, the
Enable user-supplied start-up clock (CLKUSR)
option has no effect on the device
initialization because this option is disabled in the .sof when programming the device
using the Quartus II programmer and download cable. Therefore, if you turn on the
CLKUSR
option, you do not need to provide a clock on CLKUSR when you are
configuring the device with the Quartus II programmer and a download cable.
tCD2UMC
CONF_DONE
high to user mode with CLKUSR option on
tCD2CU + (initialization clock
cycles × CLKUSR period) (5)
——
Notes to Table 9–13:
(1) This value is applicable if you do not delay configuration by extending the nCONFIG or nSTATUS low pulse width.
(2) This value is applicable if you do not delay configuration by externally holding nSTATUS low.
(3) The minimum and maximum numbers apply only if the internal oscillator is chosen as the clock source for starting the device.
(4) Cyclone III devices can support a DCLK fMAX of 133 MHz. Cyclone III LS devices can support a DCLK fMAX of 100 MHz.
(5) For more information about the initialization clock cycles required in Cyclone III device family, refer to Table 9–5 on page 9–10.
Table 9–13. PS Configuration Timing Parameters for Cyclone III Device Family (Part 2 of 2)
Symbol
Parameter
Minimum
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com