Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 408 page
background image
Clock Generator Module (CGMC)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
107
allows. See Electrical Specifications. Choose the reference
divider, R = 1. After choosing N and P, the actual bus frequency
can be determined using equation in 2 above.
When the tolerance on the bus frequency is tight, choose fRCLK to
an integer divisor of fBUSDES, and R = 1. If fRCLK cannot meet this
requirement, use the following equation to solve for R with
practical choices of fRCLK, and choose the fRCLK that gives the
lowest R.
4. Select a VCO frequency multiplier, N.
Reduce N/R to the lowest possible R.
5. If N is < Nmax, use P = 0. If N > Nmax, choose P using this table:
Then recalculate N:
6. Calculate and verify the adequacy of the VCO and bus
frequencies fVCLK and fBUS.
7. Select the VCO’s power-of-two range multiplier E, according to
Current N Value
P
0
1
2
3
R
round R
MAX
f
VCL KDES
f
RCL K
--------------------------



integer
f
VCLKDES
f
RCLK
--------------------------



–



×
=
N
round
Rf
VCLKDES
×
f
RCL K
-------------------------------------



=
0N
<N
max
≤
N
max
N
<N
max
2
×
≤
N
max
2
×
N
<N
max
4
×
≤
N
max
4
×
N
<N
max
8
×
≤
N
round
Rf
VC LKD ES
×
f
RCLK
2
P
×
-------------------------------------



=
f
VCL K
2
P
NR
⁄
×
() f
RCL K
×
=
f
BU S
f
VC LK
() 4
⁄
=
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com