Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 408 page
background image
Clock Generator Module (CGMC)
Technical Data
MC68HC908GR8 — Rev 4.0
108
Clock Generator Module (CGMC)
MOTOROLA
this table:
8. Select a VCO linear range multiplier, L, where fNOM = 38.4 kHz
9. Calculate and verify the adequacy of the VCO programmed
center-of-range frequency, fVRS. The center-of-range frequency is
the midpoint between the minimum and maximum frequencies
attainable by the PLL.
For proper operation,
10. Verify the choice of P, R, N, E, and L by comparing fVCLK to fVRS
and fVCLKDES. For proper operation, fVCLK must be within the
application’s tolerance of fVCLKDES, and fVRS must be as close as
possible to fVCLK.
NOTE:
Exceeding the recommended maximum bus frequency or VCO
frequency can crash the MCU.
11. Program the PLL registers accordingly:
a. In the PRE bits of the PLL control register (PCTL), program
the binary equivalent of P.
b. In the VPR bits of the PLL control register (PCTL), program
the binary equivalent of E.
Frequency Range
E
0 < fVCLK < 9,830,400
0
9,830,400
≤ f
VCLK < 19,660,800
1
19,660,800
≤ f
VCLK < 39,321,600
2
NOTE: Do not program E to a value of 3.
L
round
f
VCLK
2
E
f
NOM
×
--------------------------



=
f
VRS
L2
E
×
()f
NOM
=
f
VRS
f
VCLK
–
f
NOM
2
E
×
2
--------------------------
≤
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com