Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 110Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 111Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 112Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 408 page
background image
Clock Generator Module (CGMC)
Functional Description
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
109
c. In the PLL multiplier select register low (PMSL) and the PLL
multiplier select register high (PMSH), program the binary
equivalent of N.
d. In the PLL VCO range select register (PMRS), program the
binary coded equivalent of L.
e. In the PLL reference divider select register (PMDS), program
the binary coded equivalent of R.
Table 7-1 provides numeric examples (numbers are in hexadecimal
notation):
7.4.7 Special Programming Exceptions
The programming method described in Programming the PLL does not
account for three possible exceptions. A value of 0 for R, N, or L is
meaningless when used in the equations given. To account for these
exceptions:
•
A 0 value for R or N is interpreted exactly the same as a value of 1.
•
A 0 value for L disables the PLL and prevents its selection as the
source for the base clock.
(See Base Clock Selector Circuit.)
Table 7-1. Numeric Example
fBUS
fRCLK
RN
P
E
L
2.0 MHz
32.768 kHz
1
F5
0
0
D1
2.4576 MHz
32.768 kHz
1
12C
0
1
80
2.5 MHz
32.768 kHz
1
132
0
1
83
4.0 MHz
32.768 kHz
1
1E9
0
1
D1
4.9152 MHz
32.768 kHz
1
258
0
2
80
5.0 MHz
32.768 kHz
1
263
0
2
82
7.3728 MHz
32.768 kHz
1
384
0
2
C0
8.0 MHz
32.768 kHz
1
3D1
0
2
D0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com