Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 113Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 114Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 408 page
background image
Clock Generator Module (CGMC)
CGMC Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
117
is set, and BCS cannot be set when PLLON is clear. If the PLL is off
(PLLON = 0), selecting CGMVCLK requires two writes to the PLL control
register. (See Base Clock Selector Circuit.)
PRE1 and PRE0 — Prescaler Program Bits
These read/write bits control a prescaler that selects the prescaler
power-of-two multiplier, P. (See PLL Circuits and Programming the
PLL.) PRE1 and PRE0 cannot be written when the PLLON bit is set.
Reset clears these bits.
NOTE:
The value of P is normally 0 when using a 32.768-kHz crystal as the
reference.
VPR1 and 0 — VCO Power-of-Two Range Select Bits
These read/write bits control the VCO’s hardware power-of-two range
multiplier E that, in conjunction with L (See PLL Circuits,
Programming the PLL, and PLL VCO Range Select Register.)
controls the hardware center-of-range frequency, fVRS. VPR1:VPR0
cannot be written when the PLLON bit is set. Reset clears these bits.
Table 7-2. PRE 1 and PRE0 Programming
PRE1 and PRE0
P
Prescaler Multiplier
00
0
1
01
1
2
10
2
4
11
3
8
Table 7-3. VPR1 and VPR0 Programming
VPR1 and VPR0
E
VCO Power-of-Two
Range Multiplier
00
0
1
01
1
2
10
2
4
11
3(1)
1. Do not program E to a value of 3.
8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com