Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 115Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 116Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 408 page
background image
Clock Generator Module (CGMC)
CGMC Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
119
1 = VCO frequency correct or locked
0 = VCO frequency incorrect or unlocked
ACQ — Acquisition Mode Bit
When the AUTO bit is set, ACQ is a read-only bit that indicates
whether the PLL is in acquisition mode or tracking mode. When the
AUTO bit is clear, ACQ is a read/write bit that controls whether the
PLL is in acquisition or tracking mode.
In automatic bandwidth control mode (AUTO = 1), the last-written
value from manual operation is stored in a temporary location and is
recovered when manual operation resumes. Reset clears this bit,
enabling acquisition mode.
1 = Tracking mode
0 = Acquisition mode
7.6.3 PLL Multiplier Select Register High
The PLL multiplier select register high (PMSH) contains the
programming information for the high byte of the modulo feedback
divider.
MUL11–MUL8 — Multiplier Select Bits
These read/write bits control the high byte of the modulo feedback
divider that selects the VCO frequency multiplier N. (See PLL Circuits
and Programming the PLL.) A value of $0000 in the multiplier select
registers configures the modulo feedback divider the same as a value
of $0001. Reset initializes the registers to $0040 for a default multiply
value of 64.
Address:
$0038
Bit 7
654321
Bit 0
Read:
0000
MUL11
MUL10
MUL9
MUL8
Write:
Reset:
00000000
= Unimplemented
Figure 7-6. PLL Multiplier Select Register High (PMSH)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com