Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 117Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 118Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 119Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 120Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 121Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 122Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 123Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 124Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 408 page
background image
Clock Generator Module (CGMC)
CGMC Registers
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Clock Generator Module (CGMC)
121
7.6.5 PLL VCO Range Select Register
NOTE:
PMRS may be called PVRS on other HC08 derivatives.
The PLL VCO range select register (PMRS) contains the programming
information required for the hardware configuration of the VCO.
VRS7–VRS0 — VCO Range Select Bits
These read/write bits control the hardware center-of-range linear
multiplier L which, in conjunction with E (see PLL Circuits,
Programming the PLL, and PLL Control Register), controls the
hardware center-of-range frequency, fVRS. VRS7–VRS0 cannot be
written when the PLLON bit in the PCTL is set. (See Special
Programming Exceptions.) A value of $00 in the VCO range select
register disables the PLL and clears the BCS bit in the PLL control
register (PCTL). (See Base Clock Selector Circuit and Special
Programming Exceptions.). Reset initializes the register to $40 for a
default range multiply value of 64.
NOTE:
The VCO range select bits have built-in protection such that they cannot
be written when the PLL is on (PLLON = 1) and such that the VCO clock
cannot be selected as the source of the base clock (BCS = 1) if the VCO
range select bits are all clear.
The PLL VCO range select register must be programmed correctly.
Incorrect programming can result in failure of the PLL to achieve lock.
Address:
$003A
Bit 7
654321
Bit 0
Read:
VRS7
VRS6
VRS5
VRS4
VRS3
VRS2
VRS1
VRS0
Write:
Reset:
01000000
Figure 7-8. PLL VCO Range Select Register (PMRS)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com