Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 67 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 67 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 63Page - Tyco Electronics ADE10 Datasheet HTML 64Page - Tyco Electronics ADE10 Datasheet HTML 65Page - Tyco Electronics ADE10 Datasheet HTML 66Page - Tyco Electronics ADE10 Datasheet HTML 67Page - Tyco Electronics ADE10 Datasheet HTML 68Page - Tyco Electronics ADE10 Datasheet HTML 69Page - Tyco Electronics ADE10 Datasheet HTML 70Page - Tyco Electronics ADE10 Datasheet HTML 71Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 326 page
background image
B39
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SSA Series
Slide Switches, Micro Size, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver or gold plate
Case Material ..........................Polyester PPS UL94VO
Actuator Material ....................Polyamide UL94HB
Cover Material ........................Polyamide UL94HB
Terminals ................................Silver or gold plate
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +158°F (-20°C to +70°C)
Storage Temperature................-40°F to +194°F (-40°C +90°C
Solder Heat Resistance ............260°C (+500°F) for 5 seconds
per MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Gold: 0.4 VA max. @ 20 VDC or peak AC
Silver: 100 Milliamps @ 30 VDC
Initial Contact Resistance ........30 Milliohms max.
Contact Timing ........................Break-Before-Make
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................250 ± 100 Grams
Actuator Travel........................0.098” (2.49)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
SSA12
.346
(8.79)
.134
(3.40)
.098
(2.49)
.043
(1.10)
DIA.
HOLE
.098
(2.49)
TRAVEL
.079
(2.01)
.016
(.406)
.024
(0.60)
.118
(3.00)
.134
(3.40)
.079
(2.01)
.079
(2.00)
.098
(2.49)
.177
(4.50)
SSA22
DPDT
.098
(2.49)
.157
(3.99)
.016
(.406)
TYP.
.118
(3.00)
0.138
(3.50)
.098
(2.49)
.024
(0.60)
TYP.
.079
(2.00)
.079
(2.00)
.079
(2.00)
.079
(2.00)
.354
(9.00)
.217
(5.51)
.098
(2.49)
TRAVEL
.177
(4.50)
.043
(1.09)
DIA.
HOLE
Part Number
Tyco Electronics Alcoswitch Plating Mounting Style
1-1437575-4
SSA12
Silver
Upright
1-1437575-5
SSA12G
Gold
Upright
Part Number
Tyco Electronics Alcoswitch Plating Mounting Style
1-1437575-6
SSA22
Silver
Upright
1-1437575-7
SSA22G
Gold
Upright
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com