Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 84 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 84 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 80Page - Tyco Electronics ADE10 Datasheet HTML 81Page - Tyco Electronics ADE10 Datasheet HTML 82Page - Tyco Electronics ADE10 Datasheet HTML 83Page - Tyco Electronics ADE10 Datasheet HTML 84Page - Tyco Electronics ADE10 Datasheet HTML 85Page - Tyco Electronics ADE10 Datasheet HTML 86Page - Tyco Electronics ADE10 Datasheet HTML 87Page - Tyco Electronics ADE10 Datasheet HTML 88Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 326 page
background image
E = Environ.*
sealed toggle (splash proof)
Color:
9=White
2=Red
0=Black
Seal: ~
ES: Process
Sealed
Bushing:
T1/4=1/4-40
T=10-48
Blank= Unthreaded
Actuators:
1 .221”
2 .296”
3 .381”
4 .296”
6 .401”
7 .457”
8 .567”
9 .421”
}Specify
Color
- Locking Toggle (only)
Terminations
PC = Printed Circuit
Blank = Wire Lugs
RA = Right Angle
VRA = Vertical
Right Angle
WW = Wire Wrap
RW = Right Angle
Wire Wrap
G
Gold
Blank=Silver
On
None Off~
On
None On
On
Off
On
On
None (On)
(On) indicates momentary position
One
2 & 4
Pole
Pole
A
K
DN
EP
FR
Ratings:
1 = 0.4 VA
gold
3 = 3 A
Ω**
silver
No. of Poles:
1 = one pole
2 = two pole
4 = four pole
Note: 4 pole
not available
in “ES” version
T
T
Series
Boot
Seal
C8
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TT Series
Toggle Switches, Tiny, Part Number Matrix
Tiny toggle switch life expectancy chart
One
0.4VA
80,000 (2 Pos.)
60,000 (3 Pos.)
Pole
3 Amp
20,000 (2 Pos.)
10,000 (3 Pos.)
Two
0.4VA
80,000 (2 Pos.)
60,000 (3 Pos.)
Pole
3 Amp
20,000 (2 Pos.)
10,000 (3 Pos.)
Four
0.4VA
80,000 (2 Pos.)
60,000 (3 Pos.)
Pole
3 Amp
20,000 (2 Pos.)
10,000 (3 Pos.)
*
Not available on 7 actuator or with VRA.
** Not available in RA.
Ω Available in PC & WL only.
~
Available in WL & PC only.
TERMINATIONS
Actuator Dimensions
shown with
1,2,3,4,6
10-48 bushing
7,8,9
1/4-40 bushing
.160
(4.06)
TYP.
.078
(1.98)
.030
(0.76)
.129
(3.28)
.109
(2.77)
.029
(0.74)
.130
(3.30)
.030
(0.76)
TYP.
.225
(5.72)
.129
(3.28)
TYP.
.130
(3.30)
.030
(0.76)
TYP.
.030
(0.76)
.130
(3.30)
.530 TYP.
(13.46)
.225
(5.72)
.129 TYP.
(3.28)
1.30
(3.30)
.382 TYP.
(9.70)
.030
(0.76)
.200 TYP.
(5.08)
.195
(4.95)
.020
(0.51)
TYP.
.200 TYP.
(5.08)
.100 TYP.
.130
(3.30)
TYP.
WIRE LUG
PC
RW
W/W
VRA
RA
200
(5.08)
TYP.
.363
(9.22)
.382
(9.70)
TYP.
.530
(13.46)
.100 TYP.
(2.54)
.589
(14.96)
.345
(8.76)
.100 TYP.
(2.54)
APPLICATION NOTE:
For surface mount termination, use the “TST” series on page C5.
For 3 pole refer to the MT Series on page C43
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating……………………….
Gold: 0.4 VA max. @ 20 VDC or peak AC
Silver (2 pos.): 3A @ 125 VAC or 28 VDC
Silver (3 pos.): 2 A @ 125 VAC or 28 VDC
Initial Contact Resistance…………….
20 Milliohms max.
Contact Timing………………………. Break before Make
Insulation Resistance…………………
1,000 Megohms 500 VDC min.
Dielectric Strength…………………… 1,000 Volts RMS @ sea level
Plunger/Actuator Travel……………… 26°
High Torque Bushing Shoulder ............ Yes
Life Expectancy……………………… See chart below
Note: Hardware included with switch
MATERIAL SPECIFICATIONS:
Contacts………………………Gold over nickel or silver plate
Case Material…………………Thermoplastic 94V-0
Terminals/Fixed Contacts…….Tin lead plate
Terminal Seal………………...Epoxy on single pole, optional
on double pole
Process Seal…………………..ES version only (see page C16 - C17)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature………-22°F to +185°F (-30°C to +85°C)
Storage Temperature…………-67°F to +185°F (-55°C to +85°C)
Solder Heat Resistance………See page M3-4
U.L. (File E-46765)…………. Silver only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com