Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 25 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 21Page - Tyco Electronics ADE10 Datasheet HTML 22Page - Tyco Electronics ADE10 Datasheet HTML 23Page - Tyco Electronics ADE10 Datasheet HTML 24Page - Tyco Electronics ADE10 Datasheet HTML 25Page - Tyco Electronics ADE10 Datasheet HTML 26Page - Tyco Electronics ADE10 Datasheet HTML 27Page - Tyco Electronics ADE10 Datasheet HTML 28Page - Tyco Electronics ADE10 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 326 page
background image
A25
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DR Series
Terminations
Blank =
PC
RA
=
Right angle for
DRM, DRW,
DRS only
RAE =
Right angle,
Auto Assembly
Compatible for
DRD type only
Rotary DIP Switches, Unsealed, Through Hole, Straight and Right-Angle
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold flashed copper alloy
Terminals ................................Tin Lead Plated
Base, Rotor, Case ....................Polyester
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VDC
Initial Contact Resistance ........50 Milliohms max. @ 2 VDC
Insulation Resistance ..............1,000 Megohms min. @ 100 VDC
Dielectric Strength ..................300 VAC RMS @ sea level
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-22ºF to +185ºF (-30°C to +85°C)
Storage Temperature................-49ºF to +212ºF (-45°C to + 100°C)
Vibration Resistance................Subjected to vibration of 10-55hz per
second with a total amplitude of .06 in. in 3
mutually perpendicular directions for 2
hours each
Shock Resistance ....................Will withstand 50G acceleration in 3
different planes for a period of 11
milliseconds
Salt Spray Test ........................Withstands an atmosphere of 5% salt water
at temperature of 50°C
Hydrogen Sulfide Test ............Withstands an atmosphere of 15-20 PPM
hydrogen sulfide gas at temperature of
40°C for 240 hours
Atmosphere Test......................Withstands an atmosphere of 30-50 PPM
sulfide gas at a temperature of 40°C for 240
hours
Solder Heat Resistance ............Withstands 5 sec. flow solder bath of
260°C when mounted on a .06” thick PC
board per MIL-STD 202, Method 210
FEATURES:
• High pressure contacts (140K PSI) provide 20,000 Steps.
• Unique design utilizes high pressure pin-point sliding contacts to
penetrate contaminants on contact surface.
• Terminals insert molded into base.
• Screwdriver, knob and shaft (plastic and steel) type actuators available in
both upright and right angle versions.
• 10 And 16 position versions with both real and complement codes.
Note: Common terminals connected internally.
Example: DRW 10RA = Rotary Dip with
Wheel actuator
BDC -10 position
Right angle PC terminations
D R
Series
Rotary Dips (blue case)
Actuator Style
*D =
Flush
*M =
Mini plastic shaft
*W =
Wheel
*S =
Metal shaft
Circuit Type
10 =
BCD
10C =
BCD complement
16 =
Hexadecimal
16C =
Hexadecimal complement
HOW TO ORDER
*DRD Available in RAE version only. For PC or SMT versions,
see Pg. A24 DRD "E" Process Sealed Product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com