Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 69 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 69 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 65Page - Tyco Electronics ADE10 Datasheet HTML 66Page - Tyco Electronics ADE10 Datasheet HTML 67Page - Tyco Electronics ADE10 Datasheet HTML 68Page - Tyco Electronics ADE10 Datasheet HTML 69Page - Tyco Electronics ADE10 Datasheet HTML 70Page - Tyco Electronics ADE10 Datasheet HTML 71Page - Tyco Electronics ADE10 Datasheet HTML 72Page - Tyco Electronics ADE10 Datasheet HTML 73Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 326 page
background image
B41
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SLS/SLSA Series
.563
(14.3)
.764
(19.4)
.382
(9.70)
.138
(3.50)
.154
(3.90)
.189
(4.80)
.272
(6.90)
.120
(3.05)
.039
(1.00)
DIA.
TYP.
.130
(3.30)
.020
(0.50)
POS. 1
POS. 2
.063
(1.60)
TYP.
DIA.
.130
(3.30)
.120
(3.05)
TYP.
.098
(2.50)
DIA.
TYP.
.160
(2.70)
TRAVEL
.090
(2.30)
.130
(3.30)
.322
(8.20)
.563
(14.3)
.322
(8.20)
.768
(19.5)
.264
(6.70)
.098
(2.50)
.154
(3.90)
.193
(4.90)
.276
(7.00)
.126
(3.20)
.039
(1.00)
.118
(3.00)
.020
(0.50)
.382
(9.70)
.091
(2.30)
0.02
(0.51)
TYP.
0.13
(3.30)
POS. 1
POS. 2
.063
(1.60)
TYP.
DIA.
.130
(3.30)
.126
(3.20)
TYP.
.098
(2.50)
DIA.
TYP.
0.59
(15.0)
.748
(19.0)
.413
(10.49)
.177
(4.50)
.118
(3.00)
.126
(3.20)
.232
(5.90)
.118
(3.00)
TYP.
.039
(1.00)
.130
(3.30)
.016
(0.40)
POS. 1
POS. 2
.118
(3.00)
TYP.
.063
(1.60)
TYP.
DIA.
.087
(2.20)
.106
(2.70)
TRAVEL
.118
(3.00)
0.22
(5.60)
Slide Switches, Panel Mount, Wiping Contact, Consumer Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver over nickel plate copper alloy
Case Material ..........................Steel-zinc plated
Actuator Material ....................PBT 30% glass
Terminals/Fixed Contacts........Silver over nickel plate copper alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +185°F (-20°C to +85°C)
Storage Temperature................-40°F to +212°F (-40°C to +100°C)
Solder Heat Resistance ............+300°C (+572°F) for 5 seconds
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................500 mA @ 125 VAC, 200 mA @ 12 VDC
Initial Contact Resistance ........30 Millohms max.
Contact Timing ........................Break-Before-Make
Insulation Resistance ..............500 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................SLS: 100-300 Grams; SLSA: 220, 300 -500
Grams
Plunger/Actuator Travel: ........0.106” (2.69)
Life Expectancy ......................Up to 10,000 Cycles
SPDT
DPDT
DPDT
SLSA120
SLS120
SPDT
SLSA220
SLS220
.563
(14.30)
.322
(8.20)
.768
(19.5)
.264
(6.70)
.098
(2.50)
.154
(3.90)
.193
(4.90)
.276
(7.00)
.051
(1.30)
.122
(3.10)
.020
(0.50)
.382
(9.70)
.087
(2.20)
.020
(0.51)
TYP.
.039
(1.00)
POS. 1
POS. 2
.063
(1.60)
.118
(3.00)
TYP.
.118
(3.00)
.098
(2.50)
DIA.
TYP.
Part Number
Tyco Electronics Alcoswitch Type Mounting Terminals Contacts
1-1437577-5
SLS120
SPDT
Panel
Lug
Part Number
Tyco Electronics Alcoswitch Type Mounting Terminals Contacts
5-1437577-3
SLSA120
SPDT
Panel
Turret
Part Number
Tyco Electronics Alcoswitch Type Mounting Terminals Contacts
3-1437577-7
SLS220
DPDT
Panel
Lug
Part Number
Tyco Electronics Alcoswitch Type Mounting Terminals Contacts
5-1437577-5
SLSA220
DPDT
Panel
Turret



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com