Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 10 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 6Page - Tyco Electronics ADE10 Datasheet HTML 7Page - Tyco Electronics ADE10 Datasheet HTML 8Page - Tyco Electronics ADE10 Datasheet HTML 9Page - Tyco Electronics ADE10 Datasheet HTML 10Page - Tyco Electronics ADE10 Datasheet HTML 11Page - Tyco Electronics ADE10 Datasheet HTML 12Page - Tyco Electronics ADE10 Datasheet HTML 13Page - Tyco Electronics ADE10 Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 326 page
background image
A10
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
AR Series
Hybrid DIP Switches, Through Hole and Surface Mount
Series
Auto-Dip with Resistors
Actuator Style
E = Extended
F = Flush Auto-Insertable
P = Piano (On Down)
PA = Piano (On Up)
No. of Positions
02, 04, 06, 08, 10
Resistor Value
3.3K Ohms (Red case)
10K Ohms (Green case)
Custom values are available on special order
Terminations
Blank = PC
S = Outside '“L” (SMT)
SA - Inside “L” (SMT)
A R
Seal Type
Blank = No seal
T = Tape (flush actuator only)
HOW TO
ORDER
Example: ARF 06 10KST = Auto-Dip
Flush actuator
06 positions
10K ohms resistors
Outside “L” terminations & tape seal
AUTO-INSERTABLE* DIP SWITCH
WITH INTEGRAL RESISTORS
* Flush actuator versions are auto-insertable
FEATURES:
All the features of the AD SERIES - PLUS
• Thick film pull-up resistors molded into the base of the switch.
• Replaces discrete resistor network plus DIP Switch with one component.
• Available with 3.3K ohms or 10K ohms resistors.
• Ceramic substrate allows wave soldering temperatures of 245°C for up to 30
seconds per MIL-STD 202, Method 210.
• Custom resistor values available.
• Shipped in off position.
Rated Pwr.
Resistance
Tolerance
Max. Voltage
125 mW
3.3K Ohms (red)
±5% at 85°C
24V
125 mW
10K Ohms (green)
±5% at 85°C
24V
PIN 16
RESISTOR NETWORK INFORMATION
PIN 1
PIN 9
PIN 8
RESISTOR
COMMON
SEE PAGE A7 FOR PRODUCT SPECIFICATIONS
See Pages A7-A9 for
dimensional info.
See Page A9
for board layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com