Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 94 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 94 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 90Page - Tyco Electronics ADE10 Datasheet HTML 91Page - Tyco Electronics ADE10 Datasheet HTML 92Page - Tyco Electronics ADE10 Datasheet HTML 93Page - Tyco Electronics ADE10 Datasheet HTML 94Page - Tyco Electronics ADE10 Datasheet HTML 95Page - Tyco Electronics ADE10 Datasheet HTML 96Page - Tyco Electronics ADE10 Datasheet HTML 97Page - Tyco Electronics ADE10 Datasheet HTML 98Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 326 page
background image
C18
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
TTE-ES Series
Toggle Switches, Tiny, Enviromental and Process Sealed
2 POLE
1 POLE
TTE11DGPC9T4ES
2 POLE
TTE21NGPC9T4ES
For terminal connections refer to Code Chart on page M5-6.
SEE PAGE C16 FOR PRODUCT SPECIFICATIONS
1 POLE
TTE11DGPC3TES
TTE21NGPC3TES
.356
(9.04)
.172
(4.37)
TO
FLAT
.381
(9.68)
.194
(4.93)
.380
(9.65)
.119
(3.02)
.020
(0.51)
TYP.
10-48 UNS-2A
.100
(2.50)
DIA.
26˚
3
2
1
.406
(10.31)
.030
(0.76)
.100
(2.54)
TYP.
.043
(1.09)
TYP. DIA.
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
8-1437562-5
TTE11AGPC3TES
SPST
A
On None Off
8-1437562-7
TTE11DGPC3TES
SPDT
D
On None On
9-1437562-0
TTE11EGPC3TES
SPDT
E
On Off On
Note: No center terminal on "A" action switches.
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
1437563-2
TTE21NGPC3TES
DPDT
N
On None On
TTE21PGPC3TES
DPDT
P
On Off On
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
TTE11AGPC9T1/4ES
SPST
A
On None Off
8-1437562-8
TTE11DGPC9T1/4ES
SPDT
D
On None On
9-1437562-1
TTE11EGPC9T1/4ES
SPDT
E
On Off On
Note: No center terminal on "A" action switches.
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
TTE21KGPC9T1/4ES
DPST
K
On None Off
1437563-3
TTE21NGPC9T1/4ES
DPDT
N
On None On
TTE21PGPC9T1/4ES
DPDT
P
On Off On
Note: No center terminal on "K" action switches.
.172
(4.37)
TO FLAT
.381
(9.68)
.194
(4.93)
.380
(9.65)
.119
(3.02)
.020
(0.51)
TYP.
10-48 UNS-2A
.100
(2.50)
DIA.
26˚
3
2
1
.200
(5.10)
.390
(9.91)
.030
(0.76)
.200
(5.08)
.043
(1.09)
TYP. DIA.
.482
(12.24)
6
5
4
.100
(2.54)
TYP.
.421
(10.69)
.280
(7.11)
.380
(9.65)
.128
(3.25)
.020
(0.51)
TYP.
1/4-40 UNS-2A
.100
(2.50)
DIA.
26˚
3
2
1
.340
(8.64)
.422
(10.72)
.030
(0.76)
.100
(2.54)
TYP.
.043
(1.09)
TYP. DIA.
.227
(5.77)
TO FLAT
.020Dp. X .040W
(0.51Dp. X 1.00W)
KEYWAY
.030
(0.76)
.200
(5.08)
.100
(2.54)
.421
(10.69)
.289
(7.34)
.380
(9.65)
.020
(0.51)
TYP.
1/4-40 UNS-2A
.100
(2.50)
DIA.
26˚
3
2
1
.450
(11.4)
.410
(10.4)
.200
(5.10)
.043
(1.09)
TYP. DIA.
.227
(5.77)
TO FLAT
.020Dp. X .040W
(0.51Dp. X 1.00W)
KEYWAY
6
5
4
.119
(3.02)
* Refer to Page C8 for
Other Options *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com