Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 95 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 95 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 91Page - Tyco Electronics ADE10 Datasheet HTML 92Page - Tyco Electronics ADE10 Datasheet HTML 93Page - Tyco Electronics ADE10 Datasheet HTML 94Page - Tyco Electronics ADE10 Datasheet HTML 95Page - Tyco Electronics ADE10 Datasheet HTML 96Page - Tyco Electronics ADE10 Datasheet HTML 97Page - Tyco Electronics ADE10 Datasheet HTML 98Page - Tyco Electronics ADE10 Datasheet HTML 99Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 326 page
background image
C19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
ATE Series
Toggle Switches, Process Sealed, Vertical and Right Angle, Round Actuator
®
ATE4DGPC2
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold over nickel plate
Case Material ..........................Polyester 94V-0
Actuator Material ....................Nickel plated copper alloy
Terminals ................................Phosphor bronze
Terminal Seal ..........................Epoxy
Process Seal ............................Tested to MIL-STD-202, method 112
(Internal O-Ring)
test condition A and D, 85°C
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-40°F to +176°F (-40°C to +80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA Max. @ 20 VDC
Initial Contact Resistance ........100 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............500 Megohms @ 250 VDC min.
Dielectric Strength ..................500 Volts RMS @ sea level
Actuation Force ......................400 Grams
Life Expectancy ......................Up to 10,000 Cycles
4PDT
ATE4DGRA2
4PDT
.516
(1.30)
.429
(10.8)
.016
(0.40)
TYP.
.100
(2.54)
.100
(2.54)
.012
(0.36)
TYP. 3
.106
(2.70)
DIA.
.236
(6.00)
DIA.
.024
(0.60)
.100
(2.54)
.100
(2.54)
.024
(0.60)
TYP. 3
.917
(23.3)
.130
(3.30)
.118
(3.00)
.394
(10.0)
EPOXY
SEALED
.031
(0.80)
DIA.
16 PLCS.
.100
(2.54)
TYP.
5 PLCS.
.100
(2.54)
TYP.
4 PLCS.
30˚
.276
(7.00)
.429
(10.8)
.492
(12.50)
.012
(0.30)
TYP.
4 PLCS.
.106
(2.70)
DIA.
.236
(6.00)
DIA.
.504
(12.8)
1.291
(32.8)
.118
(3.00)
.394
(10.0)
EPOXY
SEALED
.031
(0.80)
DIA.
14 PLCS.
.300
(7.62)
.100
(2.54)
TYP.
2 PLCS.
30˚
.276
(7.00)
.100
(2.94)
.024
(0.60)
.276
(7.00)
.118
(3.00)
.016
(0.40)
.300
(7.62)
.100
(2.54)
TYP.
3 PLCS.
.130
(3.30)
.488
(11.00)
.100
(2.54)
TYP.
3 PLCS.
Tyco
Alcoswitch
Type
Act. Code P. M5
Contact Type
Electronics
2-1437557-2
ATE4DGRA2
4PDT
8
On None On
Gold
Tyco
Alcoswitch
Type
Act. Code P. M5
Contact Type
Electronics
2-1437557-1
ATE4DGPC2
4PDT
8
On None On
Gold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com