Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 45 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 45 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 41Page - Tyco Electronics ADE10 Datasheet HTML 42Page - Tyco Electronics ADE10 Datasheet HTML 43Page - Tyco Electronics ADE10 Datasheet HTML 44Page - Tyco Electronics ADE10 Datasheet HTML 45Page - Tyco Electronics ADE10 Datasheet HTML 46Page - Tyco Electronics ADE10 Datasheet HTML 47Page - Tyco Electronics ADE10 Datasheet HTML 48Page - Tyco Electronics ADE10 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 326 page
background image
SDS Series
B17
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
Slide Switches, Instrument Grade, Decorative
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver clad copper alloy
Case Material ..........................Steel, tin plated
Actuator Material ....................Polycarbonate
Terminals/Fixed Contacts ......Silver over nickel
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-14°F to +140°F (-10°C to +60°C)
Storage Temperature................-14°F to +140°F (-10°C to +60°C)
Solder Heat Resistance ............MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................300 mA @ 125 VAC
Initial Contact Resistance ........20 Milliohms max.
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC
Dielectric Strength ..................500 VAC
Actuation Force ......................0.250 Grams, +200/-150
Plunger/Actuator Travel ...........0.079” (2.01)
Life Expectancy ......................Up to 10,000 Cycles
SPDT/DPDT
SDS2240RA0
.709
(18.00)
.630
(16.00)
.236
(6.00)
.315
(8.00)
.079
(2.00) R
.354
(9.00)
.268
(6.80)
12
.406
(10.30)
.138
(3.50)
TYP.
.591
(15.00)
.039
(1.00)
.157
(4.00)
.020
(0.50)
.197
(5.00)
.295
(7.50)
.138
(3.50)
.118
(3.00)
.157
(4.00) .020
(0.50)
TYP.
.016
(0.40)
.248
(6.30)
.047
(1.20)
.138
(3.50)
TYP.
.157
(4.00)
TYP.
.248
(6.30)
TYP.
.138
(3.50)
.305
(7.75)
.591
(15.0)
P.C. HOLE LAYOUT
.055
(1.40)
DIA.
TYP.
.035
(0.90)
DIA.
TYP.
.157
(4.00)
.020
(0.50)
TYP.
.016
(0.40)
TYP.
.098
(2.50)
.248
(6.30)
.047
(1.20)
.138
(3.50)
.305
(7.75)
12
.138
(3.50)
TYP.
.157
(4.00)
TYP.
.248
(6.30)
TYP.
.098
(2.50)
TYP.
.591
(15.0)
12
P.C. HOLE LAYOUT
.055
(1.40)
DIA.
TYP.
.035
(0.90)
DIA.
TYP.
Part Number
Tyco Electronics
Alcoswitch
Type
Actuator Color
1437577-6
SDS2240RA0
DPDT
On
None
On
Black
SDS2240RA8
DPDT
On
None
On
Gray
.709
(18.00)
.630
(16.00)
.236
(6.00)
.315
(8.00)
.079
(2.00) R
.354
(9.00)
.268
(6.80)
13
2
.406
(10.30)
.138
(3.50)
TYP.
.079
(2.00)
TYP.
.591
(15.00)
.039
(1.00)
.157
(4.00)
.020
(0.50)
.197
(5.00)
.295
(7.50)
.138
(3.50)
.118
(3.00)
.157
(4.00)
.020
(0.50)
TYP.
.016
(0.40)
.248
(6.30)
.047
(1.20)
.138
(3.50)
TYP.
.157
(4.00)
.079
(2.00)
TYP.
.248
(6.30)
TYP.
.138
(3.50)
.305
(7.75)
.591
(15.00)
P.C. HOLE LAYOUT
.055
(1.40)
DIA.
TYP.
.035
(0.90)
DIA.
TYP.
.075
(1.90)
TYP.
13
2
.138
(3.50)
TYP.
.157
(4.00)
.079
(2.00)
TYP.
.248
(6.30)
TYP.
.591
(15.00)
P.C. HOLE LAYOUT
.055
(1.40)
DIA.
TYP.
.035
(0.90)
DIA.
TYP.
13
2
.098
(2.50)
TYP.
.157
(4.00)
.020
(0.50)
TYP.
.016
(0.40)
.098
(2.50)
.248
(6.30)
.047
(1.20)
.138
(3.50)
.305
(7.75)
TYP.
SP3T/DP3T
SDS1340RA8
Part Number
Tyco Electronics
Alcoswitch
Type
Actuator Color
1437577-2
SDS1240RA0 SPDT
On
None
On
Black
1437577-3
SDS1240RA8 SPDT
On
None
On
Gray
Part Number
Tyco Electronics
Alcoswitch
Type
Actuator Color
1437577-7
SDS2340RA0
DP3T
On
On
On
Black
SDS2340RA8
DP3T
On
On
On
Gray
Part Number
Tyco Electronics
Alcoswitch
Type
Actuator Color
1437577-4
SDS1340RA0 SP3T
On
On
On
Black
1437577-5
SDS1340RA8 SP3T
On
On
On
Gray



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com