Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 64 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 64 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 60Page - Tyco Electronics ADE10 Datasheet HTML 61Page - Tyco Electronics ADE10 Datasheet HTML 62Page - Tyco Electronics ADE10 Datasheet HTML 63Page - Tyco Electronics ADE10 Datasheet HTML 64Page - Tyco Electronics ADE10 Datasheet HTML 65Page - Tyco Electronics ADE10 Datasheet HTML 66Page - Tyco Electronics ADE10 Datasheet HTML 67Page - Tyco Electronics ADE10 Datasheet HTML 68Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 326 page
background image
B36
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
MMS Series
Slide Switches, Micro Size, Instrumentation Grade
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver over nickel over copper alloy
Case Material ..........................Polyacetal UL94HB
Actuator Material ....................Polyester UL94HB
Terminals ................................Silver over nickel over copper alloy
Terminal Seal ..........................Epoxy
Terminal Board........................UL 94 V-O
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +140°F (-10°C to +60°C)
Storage Temperature................+14°F to +140°F (-10°C to +60°C)
Solder Heat Resistance ............230 ± 150 grams ± 5ºC for 3 seconds per MIL-STD-202, Method 210
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................100 mA @ 30 VDC or peak AC
Initial Contact Resistance ........30 Millohms max.
Contact Timing ........................Make before break
Insulation Resistance ..............100 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................200 ± 150 Grams
Life Expectancy ......................Up to 10,000 Cycles
SPDT
DPDT
DP3T
MMS23
DP3T
MMS12
MMS23R
.028
(.070)
TYP. DIA.
.079
(2.00)
TYP.
.630
(16.00)
.080
(2.02)
.217
(5.50)
.098
(2.50)
.020
(0.50)
TYP.
.079
(2.00)
TYP.
.080
(2.03)
.098
(2.50)
0.08
(2.03)
.276
(7.00)
.098
(2.50)
.014
(0.35)
TYP.
MMS22R
.441
(11.2)
.157
(3.99)
.260
(6.60)
.014
(.356)
0.50
(1.27)
TYP.
DIA.
.030
(0.76)
TYP. DIA.
.228
(5.80)
.098
(2.50)
.350
(8.90)
.079
(2.00)
.098
(2.50)
.118
(3.00)
.118
(3.00)
.098
(2.50)
.079
(2.00)
TYP.
.020
(0.50)
TYP.
.118
(3.00)
.236
(6.00)
MMS22
.028
(.070)
TYP.
.079
(2.00)
TYP.
.080
(2.03)
.287
(7.31)
.014
(0.35)
.098
(2.50)
.433
(11.0)
.080
(2.03)
.079
(2.00)
TYP.
.020
(0.50)
TYP.
.098
(2.50)
.224
(5.70)
.080
(2.00)
.098
(2.50)
DPDT
.453
(11.50)
.080
(2.03)
.098
(250)
TYP.)
.024
(0.60)
TYP.
.189
(4.80)
.217
(5.50)
.020
(0.50)
TYP.
.157
(4.00)
.080
(2.03)
.035
(0.90)
TYP. DIA.
.098
(2.50)
TYP.
.080
(2.03)
.157
(3.99)
.197
(5.00)
.118
(3.00)
.020
(0.50)
TYP.
.091
(2.30)
.079
(2.00)
TYP.
.118
(3.00)
.638
(16.2)
.039
(1.00)
.260
(6.60)
.016
(0.40)
TYP.
.157
(4.00)
0.50
(1.27)
TYP. DIA.
.028
(0.70)
DIA. TYP.
.098
(2.50)
.228
(5.80)
.640
(16.2)
.079
(2.00)
.098
(2.50)
.118
(3.00)
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1437575-5
MMS22
DPDT Silver
Upright
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1437575-6
MMS22R DPDT Silver
Right Angle
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1437575-8
MMS23
DP3T Silver
Upright
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1437575-9
MMS23R
DP3T Silver
Right Angle
Part Number
Tyco Electronics Alcoswitch Type Plating Mounting Style
1437575-4
MMS12
SPDT Silver
Upright
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2
Circuit Diagram
1
1
1
1
2
1 2
2
1
1
2
2
2 3
3
3
2
1
1
2 3
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com