Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 6 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 2Page - Tyco Electronics ADE10 Datasheet HTML 3Page - Tyco Electronics ADE10 Datasheet HTML 4Page - Tyco Electronics ADE10 Datasheet HTML 5Page - Tyco Electronics ADE10 Datasheet HTML 6Page - Tyco Electronics ADE10 Datasheet HTML 7Page - Tyco Electronics ADE10 Datasheet HTML 8Page - Tyco Electronics ADE10 Datasheet HTML 9Page - Tyco Electronics ADE10 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 326 page
background image
MGDH Series
A6
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DIP Switches, Half Pitch, Ultra Low Profile, .067" High
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy, gold plate over nickel
Case Material ..........................High temperature polyamide, UL 94V-0
Actuator Material ....................High temperature polyester, 94V-0
Moving Contact ......................Copper alloy, gold plate over nickel
Fixed Contact ..........................Copper alloy, gold plate over nickel
Terminals ................................Copper alloy, gold flash over nickel
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-30°C to +85°C (-22°F to +185°F)
Storage Temperature................-45°C to +100°C (-49°F to +212°F)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Non-switching: 100 Milliamps @ 50 VDC
Switching: 25 Milliamps @ 24 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................300 VAC, 1 minute
Actuation Force ......................60 - 600 Grams max.
Life Expectancy ......................1,000 Cycles min.
MGDH04
.039
(0.99)
.244 – .020
(6.19 –0.50)
.244 – .012
(6.19 – 0.30)
.031/(0.78)
STROKE
.022
(0.55)
TYP.
.006
(0.15)
.042
(1.06)
TYP.
.320 – .020
(8.12 – 0.50)
.004
(0.10)
.350
(8.89)
MIN.
.300
(7.62)
.250
(6.35)
MAX.
.050
(1.27)
TYP.
REF.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.050
(1.27)
TYP.
.150
(3.81)
.014
(0.35)
TYP.
.047
(1.19)
.022
(0.55)
.062
(1.57)
.067
(1.70)
MAX.
W/O Tape
Part Number
Tyco
Alcoswitch
Electronics
7-1437590-5
MGDH04
MGDH
Half Pitch .050” Terminal Spacing, .067” High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com