Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 119 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 119 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 115Page - Tyco Electronics ADE10 Datasheet HTML 116Page - Tyco Electronics ADE10 Datasheet HTML 117Page - Tyco Electronics ADE10 Datasheet HTML 118Page - Tyco Electronics ADE10 Datasheet HTML 119Page - Tyco Electronics ADE10 Datasheet HTML 120Page - Tyco Electronics ADE10 Datasheet HTML 121Page - Tyco Electronics ADE10 Datasheet HTML 122Page - Tyco Electronics ADE10 Datasheet HTML 123Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 326 page
background image
D29
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
D
MSPM Series
Pushbutton Switches, Magnetic Reed, Long Life, Hermetically Sealed
MATERIAL SPECIFICATIONS:
Contacts ..................................Gold
Case Material ..........................Steel
Actuator Material ....................Polyamide
Terminals/Fixed Contacts........Wire Lug
Pin useable for PC applications
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............+14°F to +176°F (-10°C to +80°C)
Storage Temperature................+14°F to +176°F (-10°C to +80°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating............................1.0 VA optimum (100 mA max., 100 VDC max.)
Initial Contact Resistance ..........100 Milliohms max.
Actuation Force ..........................Tactile "keyboard feel" 4 to 7 oz.
"breakaway" reducing immediately to 1.5 oz.
"follow-through"
Actuator Travel ...........................078" nominal
Life Expectancy..........................Up to 5,000,000 Cycles @ .1 VA; 50,000 cycles
@ 5VA
Solder Heat Resistance ..............See page M3-4
Note: Hardware included with switches
N.C. OR N.O.
AUDIBLE DETENT
Part Number
Tyco
Alcoswitch
Type
Act. Code P. M6 Action
Actuator Type Terminals
Electronics
9-1437567-7 MSPM101BS
SPST
14
Normally Closed
Black Plunger
Pin
1437568-3 MSPM101CS
SPST
13
Normally Open
Red Plunger
Pin
9-1437567-8 MSPM101BS1 SPST
14
Normally Closed
Black Plunger
Lug
1437568-4 MSPM101CS1 SPST
13
Normally Open
Red Plunger
Lug
MSPM101CS1
MSPM101BS
N.C. OR N.O.
SOFT DETENT
.250 - .253
(6.35 - 6.43)
DIA.
.244
(6.20)
.093
(2.36)
DIA.
.250 - .253
(6.35 - 6.43)
DIA.
.227 - .230
(5.77 - 5.84)
.030 - .035
(0.76 - 0.89)
.280
(7.11)
.030
(0.76)
.110
(2.80)
.280
(7.11)
.560
(14.20)
.080
(2.03)
.317
(8.05)
.392
(9.95)
DIA.
.315
(8.00)
.160
(4.06)
.520
(13.21)
.020 Dp. x .040 W
(0.51 Dp. x 1.00 W)
KEYWAY
1/4-40 UNS-2A
MSPM101B0
MSPM101B1
Part Number
Tyco
Alcoswitch
Type
Act. Code P. M6 Action
Actuator Type Terminals
Electronics
9-1437567-4 MSPM101B0
SPST
14
Normally Closed
Black Cap
Pin
1437568-1 MSPM101C2
SPST
13
Normally Open
Red Cap
Pin
9-1437567-5 MSPM101B1
SPST
14
Normally Closed
Black Cap
Lug
9-1437567-9 MSPM101C1
SPST
13
Normally Open
Red Cap
Lug
.250 - .253
(6.35 - 6.43)
DIA.
.244
(6.20)
.093
(2.36)
DIA.
.250 - .253
(6.35 - 6.43)
DIA.
.227 - .230
(5.77 - 5.84)
.030 - .035
(0.76 - 0.89)
.280
(7.11)
.060
(1.52)
DIA. TYP.
.160
(4.06)
.200
(5.08)
.560
(14.20)
.320
(8.12)
.160
(4.06)
.510
(12.95)
.020 Dp. x .040 W
(0.51 Dp. x 1.00 W)
KEYWAY
1/4-40 UNS-2A
Cap Model C22 supplied with unit.
SPECIFICATIONS (Same as above except):
Travel ...................................... .125" (3.18) nominal
Actuation Force ......................Tactile feel 5 to 8 oz. ”breakaway” with
magnetically accelerated “follow-through”
N.C. OR N.O.
.250 - .253
(6.35 - 6.43)
DIA.
.244
(6.20)
.093
(2.36)
DIA.
.250 - .253
(6.35 - 6.43)
DIA.
.227 - .230
(5.77 - 5.84)
.030 - .035
(0.76 - 0.89)
.610
(15.50)
.320
(8.12)
.390
(9.90)
DIA.
.160
(4.06)
.512
(13.00)
.020 Dp. x .040 W
(0.51 Dp. x 1.00 W)
KEYWAY
1/4-40 UNS-2A
.280
(7.11)
.060
(1.52)
DIA. TYP.
.200
(5.08)
MSPM101CP
MSPM101BP
Part Number
Tyco
Alcoswitch
Type Act. Code P. M6 Push
Pull
Actuator Type Terminals
Electronics
9-1437567-6 MSPM101BP
SPST
18
Open
Closed
Black Cap
Pin
1437568-2 MSPM101CP
SPST
17
Closed
Open
Red Cap
Pin
Cap Model C22 supplied with unit.
Model C23 available, order separately. (See Page D32.)
Pushbutton Switches, Push-Pull, Magnetic Reed, Long Life, Hermetically Sealed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com