Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 164 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 164 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 160Page - Tyco Electronics ADE10 Datasheet HTML 161Page - Tyco Electronics ADE10 Datasheet HTML 162Page - Tyco Electronics ADE10 Datasheet HTML 163Page - Tyco Electronics ADE10 Datasheet HTML 164Page - Tyco Electronics ADE10 Datasheet HTML 165Page - Tyco Electronics ADE10 Datasheet HTML 166Page - Tyco Electronics ADE10 Datasheet HTML 167Page - Tyco Electronics ADE10 Datasheet HTML 168Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 326 page
background image
Sealed Tactile Switches
Tactile Switches, Sealed .472 [12] x .472 [12], Surface Mount, Flush, Actuator
E19
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E
MATERIAL SPECIFICATIONS:
Case ..............................................Thermoplastic, UL94V-0, Black
Stem/Actuator ..............................Thermoplastic, UL94V-0, Black
Cover ............................................Stainless Steel
Seal ..............................................Silicone Rubber, Black
Contact..........................................Stainless Steel, Plating—Silver
Terminal ......................................Copper Alloy, Plating—Silver/Nickel
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ................-4 to +185°F (-20 to +85°C)
Storage Temperature ....................-4 to +185°F (-20 to +85°C)
Resistance to solder heat ..............Per EIA-364-56, Procedure 4 & 5, Level 3
Solderability ................................Per EIA RS–186–9E
Seal ..............................................Per IP67
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50mA @ 12 V DC
Initial Contact Resistance ........100MilliOhms Max
Insulation Resistance ..............100Megaohms @ 100VDC Min.
Dielectric Strength ..................500 VAC
Actuation Travel ......................0.014 +/-.008 (.35 +/-.20)
Life ..........................................Up to 1,000,000 Cycles
Tyco
Locating Post
Packaging
Actuator Height
Force
Electronics
1571218-1
No
Bulk
.169 (4.30)
160±70gf
1571218-2
Yes
Bulk
.169 (4.30)
160±70gf
1571218-3
No
T&R
.169 (4.30)
160±70gf
1571218-4
Yes
T&R
.169 (4.30)
160±70gf
.039
(1.00)
.197
(5.00)
.264
(6.70)
.472
(12.00)
.472
(12.00)
.354
(9.00)
.063
(1.60)
.492
(12.50)
.669
(17.00)
.283
(7.20)
.354
(9.00)
.110
(2.80)
.059
(1.50)
.169
(4.30)
.138
(3.50)
.528
(13.40)
.591
(15.00)
Locating
Posts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com