Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 178 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 178 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 174Page - Tyco Electronics ADE10 Datasheet HTML 175Page - Tyco Electronics ADE10 Datasheet HTML 176Page - Tyco Electronics ADE10 Datasheet HTML 177Page - Tyco Electronics ADE10 Datasheet HTML 178Page - Tyco Electronics ADE10 Datasheet HTML 179Page - Tyco Electronics ADE10 Datasheet HTML 180Page - Tyco Electronics ADE10 Datasheet HTML 181Page - Tyco Electronics ADE10 Datasheet HTML 182Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 326 page
background image
F3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
F
TRD Series
Rocker/Paddle Switches, TRD Series Part Number Matrix
Integral w/rocker
(TRD 1 only)
E
Contact
Actuator
*L.E.D.
*L.E.D.
Model
Rating
Function
Actuator
Color
Terminal
Mount
Illumin.
Color
Single
Pole
Double
Pole
1
Gold
0.4VA
Silver
3A
Single Pole
on-on
D
on-off-on
F on-(on)
G (on)-off-(on)
2
0 black
red
2
WL Wire Lug
Quick
Connect
PC Printed
Circuit
Blank
15/32"
round hole
1/2"
square hole
Adapter
5
L
LR
Beveled frame
adaptor
bi-color
red/green
2 red
LED on
LED
5 green
25
3
1
TRD1
Rocker
Paddle
TRD2
QC
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................Silver: 3A max. @ 125 VAC, option 3
Gold: 0.4VA max. @ 20 VDC, option 1
Initial Contact Resistance ........20 Milliohms max.
Static Withstanding..................15KV, per IEC 801-2
Insulation Resistance ..............1,000 Megohms min. @ 500 VDC
Dielectric Strength ..................500 Volts RMS @ sea level
Electrical Life
2 Pos. 20K cycles @ full rated 3A load,
80K @ 0.4VA, 3 pos. 10K cycles @ full
rated 3A load, 60K @ 0.4VA
MATERIAL SPECIFICATIONS:
Movable Contacts ....................Copper alloy w/silver inlay contact or
gold plate
Terminals/Fixed Contacts........Copper alloy w/silver inlay contact or
gold plate
Terminal Seal ..........................Epoxy
Housing/Beveled Frame ..........Polyamide, black matte finish
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4°F to +176°F (-20°C to +80°C)
Storage Temperature................-49°F to +199°F (-45°C to +93°C)
Solder Heat Resistance ............Meets MIL-STD-202, method 210
*NOTICE: Caution should be used when hand-soldering. Solder heat Resistance -550°-600°F for less than 5 seconds. Solder with the switch in
the closed position.
UL options available, consult Tyco Electronics Product Information Center
HOW TO ORDER
ACTUATORS
2
1
.710
(18.0)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.130
(3.30)
15/32-32
UNS-2A
THD.
.507
(12.90)
.265
(6.73)
.550
(14.0)
.345
(8.76)
.750
(19.1)
.130
(3.30)
.150
(3.81)
Double Pole
on-on
N
P on-off-on
* Leave blank if LED not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com