Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 220 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 220 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 216Page - Tyco Electronics ADE10 Datasheet HTML 217Page - Tyco Electronics ADE10 Datasheet HTML 218Page - Tyco Electronics ADE10 Datasheet HTML 219Page - Tyco Electronics ADE10 Datasheet HTML 220Page - Tyco Electronics ADE10 Datasheet HTML 221Page - Tyco Electronics ADE10 Datasheet HTML 222Page - Tyco Electronics ADE10 Datasheet HTML 223Page - Tyco Electronics ADE10 Datasheet HTML 224Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 326 page
background image
Reliant'22 Series
I
Pushbutton Switches, 22mm, Oil-Tight, Round
I3
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MOMENTARY
Metal Bushings
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RM010(*)
Flush Button
RM020(*)
Extended Button
RM015(*)
Extended Guard
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
Thermoplastic Bushings (Threaded)
Contact blocks not supplied, order separately.
(See page I8.)
Model
Type
RT010(*)
Flush Button
RT020(*)
Extended Button
(*) Specify color by adding suffix number:
(0) Black, (2) Red, (4) Yellow, (5) Green, (6) Blue, (8) Grey, (9) White.
Note: Front beveled frame is black.
.039 - .236
(.99 - 5.99)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.04
(26.5)
PANEL
THICKNESS
.039 - .394
(.99 - 10.0)
.450
(11.5)
.709
(18.0)
1.16
(29.5)
1.16
(29.5)
1.34
(34.0)
PANEL
THICKNESS
FEATURES
• Fits 7/8" (22mm) diameter holes
• Full size buttons
• Meets NEMA 1, 12 and 13
• Rugged heavy-duty metal bushing, or thermoplastic bushings
for full installation
• Matte black beveled frame finish
• IP65 protection level
• Snap-block contacts
• 6A @ 600VAC, 6A @ 125VDC V40, V50, F40, F50
6A @ 600VAC, 4A @ 125VDC VAO, VRO, FAO, FRO
• Easy "no tool" mounting
• Choice of screw terminals or dual .110/.250 quick connects
• Double-break silver contacts standard, gold plated optional
• Stackable
INSTALLATION & ASSEMBLY
A. Engage the operator (1) into the 22.5mm dia. mounting hole.
B. Engage metal ring (2) with operator (bayonet lock). Tighten set
screws against back of panel.
C. Snap the contact blocks (4) on the support(3).
D. Snap the support (3) complete with contact blocks (4) on the
metal ring (2).
A. Engage the operator and seal (1) into the 22.5mm dia. mounting hole.
B. Mount back-up nut (2) on bushing and then tighten against panel.
C. Snap the contact blocks (4) on the support (3).
D. Snap the support (3) complete the contact blocks (4) onto operator (1).
1/8" Drill
[3.17]
7/8" Drill
[22.22]
Panel Hole
QT/RT
Models
QM/RM
Models
1
4
3
4
3
2
1
RM020(*)
RM010(*)
RT010
RT020
2
Flush
Button
Extended
Button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com