Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 242 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 242 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 238Page - Tyco Electronics ADE10 Datasheet HTML 239Page - Tyco Electronics ADE10 Datasheet HTML 240Page - Tyco Electronics ADE10 Datasheet HTML 241Page - Tyco Electronics ADE10 Datasheet HTML 242Page - Tyco Electronics ADE10 Datasheet HTML 243Page - Tyco Electronics ADE10 Datasheet HTML 244Page - Tyco Electronics ADE10 Datasheet HTML 245Page - Tyco Electronics ADE10 Datasheet HTML 246Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 326 page
background image
Pushwheel Switches
J5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
J
Specifications
Series/Types
DPS8
DPS9
DPS10
Catalog Page
J10
J11
J11
Dimensions/type of mounting
panel / height x width
18x8mm
33x8mm
33x10mm
installed depth width PCB, short/long
32/41mm
39/50mm
39/50mm
insertion from the front
xx
insertion from the rear
x
Codes
Code
switching
printing
position
111 decimal
10
0-9
x
x
x
131 BCD
10
0-9
x
x
x
137 BCD complement
10
0-9
x
x
x
141 BCD + complement
10
0-9
x
301 hexadecimal
16
0-9-A-F (0-15)
x
x
x
307 hexadecimal compl.
16
0-9-A-F (0-15)
400 change-over switch
10
+,-,+,-, etc.
Electrical data
operating voltage max.
40V
40V
40V
contact load, static max.
1A
1A
1A
contact load, dynamic (resistive) max.
100mA
100mA
100mA
contact resistance type AK
(measured from the supply line to the output)
< 100 mOhm
< 100 mOhm
< 100 mOhm
Technical data
permissible ambient temperature
-20…+80°C
-20…+80°C
-20…+80°C
expected life (switching cycles)
> 106
> 106
> 106
actuating force approx.
4 N
4 N
4 N
weight approx.
4 g
6.5 g
7.5 g
digit height 10-/16-digit
4.9/3.4mm
6.8/4.3mm
7.0/4.3mm
click action (working point)
x
x
x
vibration DIN EN 60068-2-6
x
x
x
shock DIN EN 60068-2-27
x
x
x
Material
housing: PPO UL94V-0
x
x
x
pc board: base material FR 4 respectively CEM3
DIN IEC 249-2, contact surface Au over Ni on Cu
x
x
x
Connections
AK: short
x
x
x
AL: long
x
x
x
LS: solder point
x
x
x
AKU: short downward
x
ALU: long downward
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com