Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE10 Datasheet(PDF) 282 Page - Tyco Electronics

Part # ADE10
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10 Datasheet(HTML) 282 Page - Tyco Electronics

Back Button ADE10 Datasheet HTML 278Page - Tyco Electronics ADE10 Datasheet HTML 279Page - Tyco Electronics ADE10 Datasheet HTML 280Page - Tyco Electronics ADE10 Datasheet HTML 281Page - Tyco Electronics ADE10 Datasheet HTML 282Page - Tyco Electronics ADE10 Datasheet HTML 283Page - Tyco Electronics ADE10 Datasheet HTML 284Page - Tyco Electronics ADE10 Datasheet HTML 285Page - Tyco Electronics ADE10 Datasheet HTML 286Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 326 page
background image
Microswitches
L11
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Subminiature Microswitches
Alcoswitch subminiature micro switches are available with many options to fit applications
with limited space and a 5 Amp or less current draw.
With the options of levers, rollers and simulator, a variety of operating forces, operating
positions and travel distances are available to fit most applications. In addition to tabs and
solder terminals, this line is available with PC terminals to mount directly to your PC board.
If this offering doesn’t fit your application needs, contact the product information center or
your Tyco sales person to discuss a custom product.
Performance Information
Amp Rating
5
Insulation Resistance
Min. 100M ohm (at 500V DC)
Contact Resistance
Max 50M ohm (by voltage drop, 1A 6V-8V DC)
Between terminals
1000Vrms for 1 min
Dielectric
Between terminals & other exposed
1500Vrms for 1 min
Strength
metal parts
Between terminals and earth
1500Vrms for 1 min
Temperature Rise
30°C Max
Terminal Strength
6kg pulling and push torque shall be applied for 1min
Allowable Operating Speed
0.1 to 1,000 mm/sec
Shock Resistance (without lever)
Min 30G (O.F.100g. 150g)
Contact opening max 1msec
Min 15G (O.F. 50g)
—
Vibration Resistance (without lever)
9G, 10 to 55 Hz at double amplitude of 1.5mm
(contact opening, max 1msec)
Electrical Life
50,000 at 20cpm
Mechanical Life
500,000 at 60cpm
Mechanical Repeatability
300 cpm
Safety Approval
UL / CSA
Ambient Temperature
-25°C to +85°C
Technical Information
Materials
Case and Cover
P.B.T Resin, UL94 V-0
PA 66, UL94 V-0
Movable Contactor
Beryllium Copper, with or without silver plating
Button
Phenolic Resin, UL94 HB or UL94V0
Common Terminal
Brass, sliver plated
Terminal (NC)
Brass
Terminal (NO)
Brass
Movable Contact
Silver alloy
Fixed Contact
Silver alloy, silver plated
Lever
Stainless Steel
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com