Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6850BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADRF6850
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VCC = 3.3 V; ambient temperature (TA) = 25°C; ZS = 50 Ω; ZL = 100 Ω differential; PLL loop bandwidth = 50 kHz; REFIN = 13.5 MHz;
PFD = 27 MHz; baseband frequency = 20 MHz, narrow-band mode, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT
RFI, RFI, VGAIN pins
Operating Frequency Range
100
1000
MHz
Input P1dB
0 dB gain
+12
dBm
60 dB gain
−48
dBm
Input IP3
0 dB gain
+22.5
dBm
60 dB gain
−38
dBm
Input IP2
0 dB gain, single-ended input
+40
dBm
60 dB gain, single-ended input
−20
dBm
Noise Figure (NF)
0 dB gain
49
dB
<39 dB gain NF rises 1:1 as gain in dB falls
>39 dB gain
11
dB
Maximum Gain
Z
S = 50 Ω single-ended, ZL = 100 Ω differential
60
dB
Minimum Gain
Z
S = 50 Ω single-ended, ZL = 100 Ω differential
0
dB
Gain Conformance Error1
V
GAIN from 200 mV to 1.3 V
0.5
dB
Gain Slope
25
mV/dB
VGAIN Input Impedance
20
kΩ
Return Loss
Relative to Z
S = 50 Ω, 100 MHz to 1 GHz
15
dB
REFERENCE CHARACTERISTICS
REFIN pin
Input Frequency
With R divide-by-2 divider enabled
10
300
MHz
With R divide-by-2 divider disabled
10
165
MHz
REFIN Input Sensitivity
0.4
V
CC
V p-p
REFIN Input Capacitance
10
pF
REFIN Input Current
±100
µA
CHARGE PUMP
CP and RSET pins
I
CP Sink/Source
Programmable
High Value
With R
SET = 4.7 kΩ
5
mA
Low Value
312.5
µA
Absolute Accuracy
With R
SET = 4.7 kΩ
2.5
%
VCO
Gain
K
VCO
15
MHz/V
SYNTHESIZER SPECIFICATIONS
Loop bandwidth = 50 kHz
Frequency Increment
1
Hz
Phase Frequency Detector
10
30
MHz
Spurs
Integer boundary < loop bandwidth
−55
dBc
>10 MHz offset from carrier
−70
dBc
Phase Noise
LO frequency = 1000 MHz
@ 10 Hz offset
−75
dBc/Hz
@ 100 Hz offset
−80
dBc/Hz
@ 1 kHz offset
−90
dBc/Hz
@ 10 kHz offset
−98
dBc/Hz
@ 100 kHz offset
−110
dBc/Hz
@ 1 MHz offset
−136
dBc/Hz
>10 MHz offset
−149
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.26
°rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com