Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
ADRF6850
Rev. 0 | Page 17 of 36
–80
–100
–120
–60
–40
–20
0
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
Figure 47. 2× LO Feedthrough vs. LO Frequency, VGAIN, Supply, and
Temperature (Narrow-Band Mode)
–80
–100
–120
–60
–40
–20
0
100
200
300
400
500
600
700
800
900
1000
LO FREQUENCY (MHz)
Figure 48. 4× LO Feedthrough vs. LO Frequency, VGAIN, Supply, and
Temperature (Narrow-Band Mode)
0
5
10
15
20
25
1× LO FEEDTHOUGH (dBm)
NOMINAL
WORST-CASE
Figure 49. 1× LO Feedthrough Distribution at Nominal and Worst-Case
Conditions with LO Frequency > 300 MHz,
Narrow-Band Mode
–120
–100
–80
–60
–40
–20
0
330
430
530
630
730
830
930
LO FREQUENCY (MHz)
VGAIN = 0V, 0.5V, 1V
VGAIN = 1.5V
VGAIN = 1.3V
Figure 50. 1× LO Feedthrough vs. LO Frequency, VGAIN, Supply, and
Temperature, Fourth-Order Filter at 300 MHz Applied, Wideband Mode
–80
–100
–120
–60
–40
–20
0
VGAIN = 1.5V
VGAIN = 0V, 0.5V, 1V
100
200
300
400
500
600
700
800
900
1000
RF FREQUENCY (MHz)
Figure 51. 1× RF Feedthrough vs. RF Input Frequency, VGAIN, Supply, and
Temperature, Narrow-Band Mode
–140
–80
–100
–120
–60
–40
–20
0
VGAIN = 1.5V
VGAIN = 1.0V
VGAIN = 1.3V
VGAIN = 0V, 0.5V, 1V
330
430
530
630
730
830
930
RF FREQUENCY (MHz)
Figure 52. 1× RF Feedthrough vs. RF Input Frequency, VGAIN, Supply, and
Temperature, Fourth-Order Filter at 300 MHz Applied, Wideband Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com