Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6850BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6850BCPZ-R7
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6850BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6850BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADRF6850
Rev. 0 | Page 24 of 36
PROGRAM MODES
The ADRF6850 has 34 8-bit registers to allow program control
of a number of functions. Only 31 of these registers are writeable.
Either an SPI or an I2C interface can be used to program the
register set. For details about the interfaces and timing, see
Figure 61 to Figure 67. The registers are documented in Table 8
to Table 27.
Several settings in the ADRF6850 are double buffered. These
settings include the FRAC value, the INT value, the RFDIV
value, the 5-bit R-divider value, the reference doubler, the R ÷2
divider, and the charge pump current setting. This means that
two events must occur before the part uses a new value for any
of the double buffered settings. First, the new value is latched
into the device by writing to the appropriate register. Next, a new
write must be performed on Register CR0. When Register CR0 is
written, a new PLL acquisition occurs.
For example, updating the fractional value involves a write to
Register CR3, Register CR2, Register CR1, and Register CR0.
Register CR3 should be written to first, followed by Register CR2
and Register CR1 and, finally, Register CR0. The new acquisition
begins after the write to Register CR0. Double buffering ensures
that the bits written to do not take effect until after the write to
Register CR0.
12-Bit Integer Value
Register CR7 and Register CR6 program the integer value (INT)
of the feedback division factor (N); see Equation 5 for details.
The INT value is a 12-bit number whose MSBs are programmed
through Register CR7, Bits[3:0]. The LSBs are programmed
through Register CR6, Bits[7:0]. The LO frequency setting is
described by Equation 2. An alternative to this equation is pro-
vided by Equation 4, which details how to set the N-divider
value. Note that these registers are double buffered.
25-Bit Fractional Value
Register CR3 to Register CR0 program the fractional value (FRAC)
of the feedback division factor (N); see Equation 5 for details. The
FRAC value is a 25-bit number whose MSB is programmed
through Register CR3, Bit 0. The LSB is programmed through
Register CR0, Bit 0. The LO frequency setting is described by
Equation 2. Again, an alternative to this equation is described
by Equation 4, which details how to set the N-divider value.
Note that these registers are double buffered.
RFDIV Value
The RFDIV value is dependent on the value of the LO frequency.
The RFDIV value can be selected from the list in Table 6. Apply
the selected RFDIV value to Equation 4, together with the LO
frequency and PFD frequency values, to calculate the correct N-
divider value.
Reference Input Path
The reference input path consists of a reference doubler, a 5-bit
frequency divider, and a divide-by-2 function (see Figure 54).
The doubler is programmed through Register CR10, Bit 5. The
5-bit divider is enabled by programming Register CR5, Bit 4;
and the division ratio is programmed through Register CR10,
Bits[4:0]. The R ÷2 divider is programmed through Register CR10,
Bit 6. Note that these registers are double buffered.
Charge Pump Current
Register CR9, Bits[7:4], set the charge pump current setting.
With an RSET value of 4.7 kΩ, the maximum charge pump
current is 5 mA. The following equation applies:
ICP max = 23.5/RSET
(6)
The charge pump current has 16 settings from 325 μA to 5 mA.
Power-Down/Power-Up Control Bits
The four programmable power-up and power-down control bits
are as follows:
Register CR12, Bit 2. Master power control bit for the PLL,
including the VCO. This bit is normally set to a default
value of 0 to power up the PLL.
Register CR27, Bit 2. Controls the LO monitor outputs,
LOMON and LOMON. The default is 0 when the monitor
outputs are powered down. Setting this bit to 1 powers up
the monitor outputs to one of −6 dBm, −12 dBm, −18 dBm,
or −24 dBm, as controlled by Register CR27, Bits[1:0].
Register CR29, Bit 0. Controls the quadrature demodulator
power. The default is 0, which powers down the demodulator.
Write a 1 to this bit to power up the demodulator.
Register CR30, Bit 0. This bit controls the VGA power and
must be set to a 1 to power up the VGA.
Lock Detect (LDET)
Lock detect is enabled by setting Register CR23, Bit 4, to 1.
Register CR23, Bit 3, in conjunction with Register CR14, Bit 7,
sets the number of up/down pulses generated by the PFD before
lock detect is declared by the LDET pin returning high. The
options are 2048 pulses, 3072 pulses, and 4096 pulses.
The default setting is 3072 pulses, which is selected by program-
ming Register CR23, Bit 3, to 0, and Register CR14, Bit 7, to 0. A
more aggressive setting of 2048 is selected when Register CR23,
Bit 3, is set to 1 and Register CR14, Bit 7, is set to 0. This improves
the lock detect time by 50 μs (for a PFD frequency of 27 MHz).
Note, however, that it does not affect the acquisition time to an
error frequency of 1 kHz. A setting of 4096 pulses is selected
when Register CR14, Bit 7, is set to 1. For best operation, set
Register CR23, Bit 2 to 0. This bit sets up the PFD up/down
pulses to a coarse or low precision setting.
Baseband VOCM Reference
Register CR29, Bit 6, selects whether the common-mode reference
for the baseband outputs is internal or external. When the base-
band outputs are ac-coupled, then the internal reference must
be selected by setting Register CR29, Bit 6, to 1, and by
grounding Pin 7, VOCM.
When the baseband outputs are dc-coupled, it is likely that an
external bias is needed unless the internal dc bias provided is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com